Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. ABC400 Datasheet HTML 10Page - Bel Fuse Inc. ABC400 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
Figure 13:Load transient Vo (500μs/div), 8.5A <-> 17A 2A/μs
CH1: Vo (200mV/div) CH2: Io (5.0 A/div)
Figure 14:Load transient Vo (1.0ms/div), 8.5A <-> 17A, 2A/μs
CH1: Vo (200 mV/div) CH2: Io (5 A/div)
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
F
Input Fuses (L only)
Not user accessible, time lag characteristic
8.0
A
Vo ov
OV Threshold
ABC400-1012G
14.0
16.0
VDC
ABC400-1024G
28.0
32.0
VDC
ABC400-1048G
53
57
VDC
Io lim
Current Limit
Vi > 90 VAC, -10 °C <Ta < 50 °C
ABC400-1012G
31.5
33.0
39.0
A
ABC400-1024G
20.0
21.0
23.0
A
ABC400-1048G
8.9
10
11.1
A
TSD
Over Temperature on Heat Sinks
Automatic shut-down
100
°C
OVERVOLTAGE PROTECTION
The AC-DC power supply provides a fixed threshold overvoltage (OV) protection implemented with a HW comparator. Once
an OV condition has been triggered, the supply will shut down and latch the fault condition. the latch can be unlocked by
disconnecting the supply from the AC mains only.
CURRENT LIMITATION
The main output current limitation will decrease with linear derating to 50% at 70 ºC if the ambient (inlet) temperature increases
beyond 50 °C (see
Figure 15).
Figure 15: Output Current Limitation Curve
0
20
40
60
80
100
120
-10
0
10
20
30
40
50
60
70
Ambient Temperature(°C)
Series1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com