Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC400 Datasheet HTML 1Page - Bel Fuse Inc. ABC400 Datasheet HTML 2Page - Bel Fuse Inc. ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
General Condition:
TA = -10 … +50 °C unless otherwise noted. Active fan air cooling required: 200 LFM (1 m/s)
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
Main Output VO
Vo
Nominal Output Voltage
0.5
∙IO, Tamb = 25 °C
ABC400-1012G
12.0
VDC
ABC400-1024G
24.0
VDC
ABC400-1048G
48.0
VDC
Vo set
Output Set Point Accuracy
0.5
∙IO, Tamb = 25 °C
ABC400-1012G
-50
50
mV
ABC400-1024G
-75
75
mV
ABC400-1048G
-150
150
mV
Po nom
Nominal Output Power
ABC400-1012G
0
276
360
W
ABC400-1024G
0
312
408
W
ABC400-1048G
0
312
408
W
Io nom
Nominal Output Current
ABC400-1012G
0
23
30
A
ABC400-1024G
0
13
17
A
ABC400-1048G
0
6.5
8.5
A
Vo p-p
Output Ripple Voltage
Vo nom, Io nom, 20 MHz BW
ABC400-1012G
60
120
mVpp
ABC400-1024G
80
240
mVpp
ABC400-1048G
150
480
mVpp
dVo Load
Load Regulation
Vi = Vi nom, 0 - 100 % Io nom
ABC400-1012G
-360
50
360
mV
ABC400-1024G
-720
80
720
mV
ABC400-1048G
-1440
130
1440
mV
dVo Line
Line Regulation
Vi =Vi min…Vi max
ABC400-1012G
-360
80
360
mV
ABC400-1024G
-720
120
720
mV
ABC400-1048G
-1440
150
1440
mV
dVdyn
Dynamic Load Regulation
ΔIo = 50% Io nom,
Io = 50 … 100% Io nom,
dIo/dt = 1A/
μs, recovery within 5%
of Vo nom
ABC400-1012G
-0.6
0.25
0.6
V
ABC400-1024G
-1.2
0.45
1.2
V
ABC400-1048G
-2.4
0.7
2.4
V
trec
Recovery Time
2
ms
tdelay
Turn-On Delay
Time required for output within
regulation after intial application
of AC input @ 90 VAC
0
1
2
Sec
trise
Turn On Rise Time
VO = 10…90% VO nom
ABC400-1012G
20
ms
ABC400-1024G
20
ms
ABC400-1048G
30
ms
CLoad
Capacitive Loading
ABC400-1012G
6600
μF
ABC400-1024G
3740
μF
ABC400-1048G
1870
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com