Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. ABC400 Datasheet HTML 10Page - Bel Fuse Inc. ABC400 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
CONNECTIONS
PIN
NAME
DESCRIPTION
Input Connector J1
J1- 1
Earth
AC Input Earth
J1- 2
Not fitted
NA
J1- 3
Live
AC Input Live
J1- 4
Not fitted
NA
J1- 5
Neutral
AC Input Neutral
Output Connector J2
J2-outside row
+Vo
+12V / +24V / +48V Output
J2-inside row
-Vo
+12V / +24V / +48V Output Return
Signal Connector J3
J3- 1
-Vo Sense
Output Negative Sense
J3- 2
+Vo Sense
Output Positive Sense
J3- 3
Power Good
Power Good Signal
J3- 4
Power Good Return
Power Good Signal Return
Connector Mating Parts (Molex or equivalent)
CONNECTOR
HOUSING
CRIMP TERMINAL
WIRE GAUGE
J1
09-50-3051
08-50-0105
AWG#18
J2
39-01-2105
44476-3112
AWG#16
J3
22-01-3047
08-50-0113
AWG#22-30
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems, equipment used in
hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date
manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com