Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC400 Datasheet HTML 1Page - Bel Fuse Inc. ABC400 Datasheet HTML 2Page - Bel Fuse Inc. ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2015 Bel Power Solutions, Inc.
North America
+1-866.513.2839
Asia-Pacific
+86.755.29885888
Europe, Middle East
+353 61 225 977
tech.support@psbel.com
BCD.00186_AD
High Efficiency up to 91% at 230 VAC
Universal AC Input Voltage Range: 90-264 VAC
Active Power Factor Correction
Over temperature, output overvoltage, overcurrent
and short circuit protection
Low Conducted and Radiated EMI (EN 55022 cl A)
Safety approved to the latest edition of the
following standards: CSA/UL60950-1, EN60950-1
and IEC60950-1
High Power Density Design: 16 W/in3
Compact Size: 3.0 (W) x 1.5 (H) x 5.0 (L) inches
RoHS Compliant
CE Marked
ABC400 Series is a compact and efficient series
of AC-DC open frame power supplies suited for
telecom, datacom and many other applications.
The family meets the international information
technology safety standards with the CE-Mark
for the European Low Voltage Directive (LVD).
Their high efficiency allows a very minimal
power loss in end equipment, resulting in higher
reliability, ease of thermal management and
regulatory approvals for an environmentally
friendly end product.
Telecom
Datacom
Industrial Applications


Similar Part No. - ABC400

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC400 BEL-ABC400 Datasheet
920Kb / 12P
Universal AC Input Voltage Range: 90-264 VAC
logo
Power-One
ABC400-1012G POWER-ONE-ABC400-1012G Datasheet
831Kb / 13P
High efficiency up to 91% at 230VAC
logo
Bel Fuse Inc.
ABC400-1012G BEL-ABC400-1012G Datasheet
920Kb / 12P
Universal AC Input Voltage Range: 90-264 VAC
logo
Elma Electronic Ltd
ABC400-1012G ELMA-ABC400-1012G Datasheet
1Mb / 11P
ABC 400 SERIES
logo
Power-One
ABC400-1024G POWER-ONE-ABC400-1024G Datasheet
831Kb / 13P
High efficiency up to 91% at 230VAC
More results

Similar Description - ABC400

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1757920002G ADVANTECH-1757920002G Datasheet
136Kb / 1P
Power Supplies
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
Power Supplies
logo
Axiomtek Co., Ltd.
PS300-HRP AXIOMTEK-PS300-HRP Datasheet
199Kb / 2P
Power Supplies
PS300-XP2 AXIOMTEK-PS300-XP2 Datasheet
195Kb / 2P
Power Supplies
logo
Omron Electronics LLC
S8JX-G05024CD OMRON-S8JX-G05024CD Datasheet
312Kb / 2P
Power Supplies
logo
ADL Embedded Solutions
ADLPS35-150 ADL-ADLPS35-150 Datasheet
910Kb / 2P
Power Supplies
ADLPS104-150 ADL-ADLPS104-150 Datasheet
754Kb / 2P
Power Supplies
ADLPS104ISO-150 ADL-ADLPS104ISO-150 Datasheet
391Kb / 1P
Power Supplies
logo
Siemens Semiconductor G...
6EP1336-3BA00 SIEMENS-6EP1336-3BA00 Datasheet
1Mb / 152P
Power supplies
2004
logo
Guangdong Youtai Semico...
ESD3Z5V0C UMW-ESD3Z5V0C Datasheet
720Kb / 4P
Power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com