Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC400 Datasheet HTML 1Page - Bel Fuse Inc. ABC400 Datasheet HTML 2Page - Bel Fuse Inc. ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
Figure 3: Inrush current, Vin = 230Vac, 90° CH2: Vin (250V/div), CH3: Iin (10A/div)
INPUT UNDER-VOLTAGE
If the sinusoidal input voltage stays below the input under voltage lockout threshold
Vi on, the supply will be inhibited. Once
the input voltage returns within the normal operating range, the supply will return to normal operation again.
POWER FACTOR CORRECTION
Power factor correction (PFC) is achieved by controlling the input current waveform synchronously with the input voltage. A
specified PFC controller is implemented in the interleaved transition mode topology giving outstanding PFC results over a
wide input voltage and load ranges. The input current will follow the shape of the input voltage.
EFFICIENCY
The high efficiency (see
Figure 4, 5 and 6) is achieved by using state-of-the-art silicon power devices in conjunction with
interleaved transition mode PFC topology minimizing switching losses. Synchronous rectifiers on the output reduce the losses
in the high current output path for ABC400-1012G schottky diode and ultra-fast diode are used as rectifiers for
ABC400-1024G and ABC400-1048G due to the high output voltage level.
Figure 4: Efficiency vs. Output Power at 230VAC,
ABC400-1012G
Figure 5: Efficiency vs. Output Power at 230VAC,
ABC400-1024G
Figure 6: Efficiency vs. Output Power at 230VAC, ABC400-1048G
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
92.0
0
100
200
300
400
Po (W)
Series1
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
92.0
0
100
200
300
400
Po (W)
Series1
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
92.0
0
100
200
300
400
Po (W)
Series1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com