Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. ABC400 Datasheet HTML 10Page - Bel Fuse Inc. ABC400 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
The Out-OK output gives a status indication of the converter and the output voltages. It can be used for control functions
such as data protection, central system monitoring or as a part of a self-testing system. Connecting the Out-OK as shown
in
Figure 16, Vok <1.0 V indicates that the output voltage(s) of the converter are within the range.
Note: using the potentiometer, the monitor level tracks the programmed output voltage. In an error condition, if the output
voltage is out of range due to overload or an external overvoltage, Vok will approach Vp. The output is formed by an NPN
transistor. The signal is isolated from the output.
Figure 16: Power Good signal
Power Good Signal Description:
1.
O/P V OK – Signal Low, Opto conducting, (max sink current 0.5 mA)
2.
O/P V Bad – Signal High, Opto opening, (max leakage current 25
μA)
IMMUNITY
Note: Most of the immunity requirements are derived from EN 55024:1998/A2:2003.
TEST
STANDARD / DESCRIPTION
CRITERIA
ESD Contact Discharge
EN 61000-4-2, Level 2
A
RF Susceptibility
EN 61000-4-3, Level 3
A
Fast Transient/Burst
EN 61000-4-4, Level 3
B
Surge
EN 61000-4-5, Class 3
B
RF Conducted Immunity
EN 61000-4-6, Class 3
A
Voltage Dips and Interruptions
EN 61000-4-11
C
Magnetic Fields
EN 61000-4-8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com