Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5295AP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5295AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
4
TERMINOLOGY
tRST1:Time required for TC pin potential to rise
from 0V VTH3(L) when Vcc is being applied.
tWD: Time required for TC pin potential to rise
from VTH3(L) to VTH3(H).
tRST2:Time required for TC pin potential to go
down from VTH3(H) to VTH3(L).
1.Pin 2 (TC Pin) Charge Time and
Discharge Time
When input to WD pin is abnormal,TC pin output
waveform is as shown below:
2.Pin 1 (WD Pin) Input Frequency,
Input Pulse Width,Charge Time and
Discharge Time
When input to WD pin 1 is normal,TC pin 2 output
waveform is as shown below:
tRST(1)=0.51•C•R1
tWD=1.1•C•R1(charge time)
tRST(2)=1000•C•in
2•
1000
R1
-3
4•
1000
R1
-1
(discharge time)
2
R1
C
Vcc
Resistance R1:10k
Ω≤R1≤30kΩ
When R1 is 10k
Ω,tRST(2) is 830•C.
t1=C•R1•in
(charge time)
t2=1000•C•in
2•
1000
R1
-3
1000
R1
+1
(discharge time)
5-x
3
x-5
PIN 1 (WD PIN)INPUT REQUIREMENTS
(1)Connect capacitor between WD pin and voltage input.
(Refer to Section 3.)
(2)Input cycle:No more than tWD
(Discharge should start before voltage at WD pin
reaches 4V.)
1.1•C•R1
1
< f
(3)Input pulse width tWDIN:No more than t2
5
2
•Vcc
5
4
•Vcc
t2
t1
4V
2V
Pin 2 xV
tWDIN
0.5
ms
50µs
C=104
1ms
t
C=103
100µs
t1
Vcc=5V
R1=10k
Ω
t2
2
3
4
DISCHARGE VOLTAGE x(V)
Input
TC
0V
tWD
tRST(1)
tRST(2)
(Vcc=5V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com