Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5295AP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M5295AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
TYPICAL CHARACTERISTICS
THERMAL DERATING
(MAXIMUM RATING)
0
200
400
600
800
0
25
50
75
100
125
AMBIENT TEMPERATURE Ta(°C)
1000
DETECTION VOLTAGE VS.
SUPPLY VOLTAGE
-40
0
20 40
80 100
AMBIENT TEMPERATURE Ta(°C)
INTERRUPTION OUTPUT VOLTAGE VS.
CIRCUIT CURRENT
0
0.5
1.0
1.5
2.0
2.5
CRITICAL OPERATION VOLTAGE
CHARACTERISTICS
4.2
4.3
4.4
4.5
-40 -20 0
20 40
4.1
4.6
4.7
4.8
4.9
60 80 100 120
-20
60
120
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3.0
3.5
4.0
0
4
6
8
12 14
SUPPLY VOLTAGE Vcc(V)
2
10
16
0
0.4 0.6 0.8
1.2 1.4
0.2
1.0
1.6
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
M5295AL
M5295AP
M5295AFP
DELAY TIME VS.DELAY CAPACITY
CHARACTERISTICS
DELAY CAPACITY C(µF)
0.01
0.1
1
100
2 3
7
5
2 3
7
5
2 3
7
5
0.01
10
100
2
3
7
5
2
3
7
5
2
3
7
5
7
CIRCUIT CURRENT VS.
SUPPLY VOLTAGE
SUPPLY VOLTAGE Vcc(V)
0.1
2 3
7
5
10
1
0.1
2
3
7
5
VTH2(H)
VTH2(L)
VTH1
Vcc=5V
Vcc=5V
tWD(R1=10k
Ω)
RL=4.7k
Ω
tRST2
RL=2.2k
Ω
RL=22k
Ω
RL=100k
Ω
(Icc FLUCTUATION CAUSED
BY CIRCUIT OPERATION)
RST1 High
RST2 High
AMBIENT TEMPERATURE Ta(°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com