Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M5295AP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M5295AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
OUTPUT SATURATION VOLTAGE VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
0
0.1
0.2
0.3
0.4
WATCHDOG TIMER THRESHOLD VOLTAGE
VS. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
8
7
6
5
4
3
2
1
0
PIN TC INPUT CURRENT VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
0
40
80
120
160
200
240
280
320
0.1
1
10
100
2 3
7
5
2 3
7
5
2 3
7
5
OUTPUT SATURATION VOLTAGE VS.
LOAD CURRENT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
8
WATCHDOG TIMER VS.
AMBIENT TEMPERATURE
RESET TIMER(2) VS.
AMBIENT TEMPERATURE
0
8
7
6
5
4
3
2
1
0
LOAD CURRENT IOUT(mA)
Vcc=5V
Vcc=5V
Vcc=5V
C=0.1µF
Vcc=5V
C=0.1µF
R1=10k
Ω
Vcc=5V
Vcc=5V
RL=4.7k
Ω
VTH3(H)
VTH3(L)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com