Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M5295AP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M5295AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
5
3.Relationship between Input Pulse
Width and Input Capacitance Cin
When input to pin 1 is 1.5V or more,TC pin
discharges electricity. Determine pulse width and
input capacitance Cin with reference to the diagram
shown on the right.
4.Vcc Detection Voltage Adjustment
(1)Detection voltage 1(VTH1)adjustment.
VIN
Cin
1
30k
20k
Q1
Q1 is off when voltage at pin 1 is 1.5V or less.
t3=Cin•5X10 •In
4
1.5
Vin
RST1 is output when t4 is longer than tWD.
+
-
49.6k
20.4k
1.24V
4
3
6
5
R1
R2
RL
Cin:10.000pF,t3=0.6ms
Cin:1000pF,t3=0.6µs
Cin:100pF,t3=6µs
When t3 is too long,TC pin output waveform frequency
changes as shown above.Set t3 to be sufficiently long
to turn on Q1[tWDIN(3µs)or more] but not to exceed
t2(Discharge time).
(t2:Discharge time during normal input)
VTH1(V) R1(k
Ω) R2(kΩ) Detection voltage calculation formula
13
10
7
5
4.25
4
3.5
10
10
10
10
10.90
8.59
0.92
1.25
1.96
3.17
5
5
VTH1=
R02
R01+R02
X1.24(V)
R01=R1//49.6k
Ω
R02=R2//20.4k
Ω
To adjust detection voltage 1,determine external resistance
with the following equation:
a. VTH>4.25V(R1=10k
Ω)
b. VTH1<4.25V(R2=5k
Ω)
R2=
R0
1
-
20.4k
1
1
R1=
R0
1
-
49.6k
1
1
R0=
VTH1-1.24
8.322kX1.24
R0=
1.24
(VTH1-1.24)4.016k
Vin
VIN
Vin
WD
1
TC
2
RST1
3
1.5V
t3
tWD
4V
2V
t
t
t
t
t4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com