Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5295AP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5295AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
3
The Vcc rises up to 0.8V,then Reset1 and 2
generate Low output,and Rising up to 4.25V,charge
of C1 begins.
The Vcc rises up to 4.7V,then Reset2 generates
high.
The voltage at TC pin is 2V,then Reset2 generates
high,when 4V,C1 is discharged and Reset1
generates Low.
The voltage at TC pin falls to 2V,then Reset1
generates high unless normal clock signal is entered
to WD pin,Reset1 repeats this operation.
Before the voltage at TC pin reaches 4V,if normal
clock signal is entered to WD pin,Low Reset1 is
canceled.
In the case of entrance of abnormal signal input,
as the waveform of TC pin repeats charge and
discharge of Reset1 alternatively from 2V to 4V,the
Reset1 repeats high and low output operation.
The Vcc falls to 4.6V,then Reset2 generates Low,
this detective voltage has a 100mV hysteresis.
When Vcc goes down to 4.25V(VTH1),the status of
TC pin is switched to discharge.When the potentional
at TC pin is detected being VTH3(H) or VTH3(L),the
status of Reset1 becomes "low".
1
2
5
6
7
,
3
4
,
8
9
10
11
,
OPERATING EXPLANETION
1 2 3
4
5
6
7 8
9 10 11
Vcc
TC
VIN
RST1
RST2
VTH2(H)
VTH1
0V
0V
0V
0V
0V
tWD
tRST(2)
tRST(1)
VTH3(H)
VTH3(L)
VTH2(L)
VTH1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com