Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5295AP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5295AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
DESCRIPTION
M5295A is a semiconductor integrated circuit which is
designed for System Reset to detect +5V power supply.
This IC keeps the operation microcomputer watching.
When the system is abnormal,it generates Reset output until the
system returns to normal states of the System.
It is possible to vary the two detective voltage by connecting the
resistor,so it is suitable to high quality and high performance
system.
FEATURES
•Watch Dog Timer
•Power on Reset Timer
•Low circuit current 0.8mA(Typ,Vcc=5V)
•Wide Range of power supply
BLOCK DIAGRAM
APPLICATION
Microcomputer Systems
1
PIN CONFIGURATION (TOP VIEW)
RECOMMENDED OPERATING CONDITIONS
Supply voltage...........................................4V to 15V
Rated supply voltage............................................5V
8
5
4
6
7
3
2
1
8
5
6
7
1
4
3
2
Outline 8P5(AL)
Outline 8P4(AP)
8P2S-A(AFP)
ADJ2
RST2
Vcc
ADJ1
GND
RST1
TC
WD
ADJ2
RST2
Vcc
ADJ1
GND
RST1
TC
WD
1
2
3
4
5
6
7
8
WD
TC
RST1
GND
ADJ1
Vcc
RST2
ADJ2
-
+
-
+
F.F
F.F
F.F
W.D.T
REFERENCE VOLTAGE
GENERATOR CIRCUIT
-
+
51.2k
49.6k
18.8k
20.4k
1.24V
20k
30k


Similar Part No. - M5295AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5295AP RENESAS-M5295AP Datasheet
165Kb / 13P
Watchdog Timer
More results

Similar Description - M5295AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
CMOS Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
Watchdog Timer
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com