Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M5295AP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5295AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
2
V
ABSOLUTE MAXIMUM RATINGS (Ta=25°C,unless otherwise noted)
Symbol
Ratings
Unit
Supply voltage
15
Parameter
Conditions
Topr
Operating temperature
Power dissipation
(2)AC FEATURES
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
°C
°C
-20 to +75
-55 to +125
Vcc
mW
Pd
tWD
Watch dog timer
Tstg
Storage temperature
Reset timer (1)
ELECTRICAL CHARACTERISTICS (Ta=25°C,Vcc=5V,unless otherwise noted)
(1)DC FEATURES
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
VIH
VIL
IOUT
WD input current
WD input voltage
TC output current
TC input current
mA
0.06
IIN
0.25
-0.15
-1
0.05
mA
V
V
µA
0.15
mA
ms
40
1.1
220
VIN
Input voltage
VOUT
Output voltage
Output current
mA
V
V
-10 to +10
15
10
800(SIP)/625(DIP)/440(FP)
VIN=5V
0.2
K
IOUT
Thermal derating
Ta
≥25°C
8(SIP)/6.25(DIP)/4.4(FP)
mW/°C
VVH3(H)
ILEAK
VOL
Threshold voltage of watch dog timer
Output voltage
Vcc detective voltage(1)
V
3.7
VTH1
4.3
2.3
4.45
1.7
Output leak current
V
V
µA
V
4
VOUT=4.2V
VTH2(H)
V5
V8
ADJ1 voltage
RST1 on voltage
RST2 on voltage
4.5
4.9
4.75
0.5
4.45
ADJ2 voltage
V
V
V
V
4.7
1.75
V
Pin
Circuit current
V
IIH
IIL
VIN=-5V
VVH3(L)
VTH2(L)
∆VTH2
RST1
RST2
Icc
Vcc detective voltage(2)
WD
WD
TC
TC
TC
RST1
RST2
Vcc
Vcc
ADJ1
ADJ2
RST1
RST2
Vcc
VIN=1.5V
Vcc=1.2V,RL=4.7k
Vcc=1.2V,RL=4.7k
V
V
-0.1
2
0.8
3.3
2
0.1
0.5
5
4.05
4.25
4.6
0.05
0.1
0.2
1.17
1.46
1.07
1.34
1.61
0.5
1.5
0.8
Pin
tRST(1)
tRST(2)
tWD IN
td1
td2
Reset timer (2)
Input pulse watch
Transmittal delay time
RST1
RST1
RST1
RST1
RST2
WD
C=0.1µF,R1=10k
Ω
C=0.1µF,R1=10k
Ω
C=0.1µF,R1=10k
Ω
R1=10k
Ω
0.5
3
20
10
83
830•C
0.5
0.5•C•R1
1.1
1.7
1.1•C•R1
ms
s
s
s
µs
µs
µs
µs
VOUT=15V
IOUT=1mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com