Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 19Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 20Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 21Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 22Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 24Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Revision 1.3
Mar.22 2001
-21-
GL646USB
7. COMMAND SET DESCRIPTION
Reg.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
01
CISSET
DOGENB
DVDSET
FASTMOD
COMPENB
DRAMSEL
SHDAREA
S CAN
02
NOTHOME
ACDCDIS
AGOHOME
MTRPWR
FASTFED
MTRREV
STEPSEL[1:0]
03
TG3
AVEENB
XPASEL
LAMPPWR
LAMPDOG
LAMPTIM[2:0]
04
LINEART
BITSET
ADTYPE[1:0]
FILTER[1:0]
FESET[1:0]
05
DPIHW[1:0]
GMMTYPE[1:0]
GMMENB
LEDADD
BASESEL[1:0]
06
PWRBIT
GAIN4
OPTEST[2:0]
07
DMASEL
DMARDWR
08
RSH[4:0]
09
RSL[4:0]
0A
CPH[4:0]
0B
CPL[4:0]
0E
SCANRESET
0F
MOVE
10
EXPR[15:8]
11
EXPR[7:0]
12
EXPG[15:0]
13
EXPG[7:0]
14
EXPB[15:8]
15
EXPB[7:0]
16
CTRLHI
SELINV
TGINV
CK1INV
CK2INV
CTRLINV
CKDIS
CTRLDIS
17
TGMODE[1:0]
TGW[5:0]
18
CNSET
DCKSEL[1:0]
CKTOGGLE
CKDELAY[1:0]
CKSEL[1:0]
19
EXPDMY[7:0]
1A
CKH[4:0]
1B
CKL[4:0]
1C
CK3SEL
CK3INV
TGSEL[5:0]
1D
CKMANUAL
TCDFAST
DMYPIX
TGSHLD[4:0]
1E
WDTIME[3:0]
LINESEL[3:0]
1F
SCANFED[7:0]
20
BUFSEL[7:0]
21
STEPNO[7:0]
22
FWDSTEP[7:0]
23
BWDSTEP[7:0]
24
FASTNO[7:0]
25
LINCNT[17:16]
26
LINCNT[15:8]
27
LINCNT[7:0]
28
LAMPPWM[8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com