Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 30Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 31Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 32Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 33Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 34Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 35Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Revision 1.3
Mar.22 2001
-31-
GL646USB
a,b,c,g : are black pixels
d,e,f,h,i : are white pixels
7.35. Reg : 30H,31H
(Write)
Defalut : 00H,00H
STRPIXEL[15:0] : to set the begin pixel position (unit : pixel count).
STRPIXEL=(TGW+2*TGSHLD)+Begin pixels number.
7.36. Reg : 32H,33H
(Write)
Defalut : 00H,00H
ENDPIXEL[15:0] : to set the end pixel position (unit : pixel count).
ENDPIXEL=(TGW+2*TGSHLD)+End pixels number.
7.37. Reg : 34H
(Write)
Default : 00H
DUMMY[7:0] : to set the CCD dummy & optical black pixels position (unit : pixel count).
Note : Reg30,31,32,33 and 34 setting rule.
TGSHLD(Reg1D) RGW(Reg17)
TGSHLD(Reg1D)
CCD TG
CCD clock
CCD pixel no: N-1
N
0
1
2
3
4
For example begin pixel is 65 ,end pixel is 100 and CCD dummy pixel is 64,
Then STRPIXEL=(TGW+2*TGSHLD)+65.
ENDPIXEL=(TGW+2*TGSHLD)+100.
DUMMY =(TGW+2*TGSHLD)+64.
7.38. Reg : 35H,36H,37H
(Write)
Defalut : 00H,00H,00H
MAXWD[18:0] : to set maximum word size per line for ASIC estimation.
If usable buffer size < MAXWD, then buffer is full. The scanner execute forward and Backward moving.
7.39. Reg : 38H,39H
(Write)
Defalut : 15H,18H
LPERIOD[15:0] : to set Line period(or exposure time) for CCD.
Unit : pixel count
BWHI
BWLOW
bandwidth
a
b
c
d
e
f
g
h
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com