Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Revision 1.3
Mar.22 2001
-14-
GL646USB
TG
LED R/G/B
c.
true gray scan:
TG
LED R
LED G
LED B
6.6. Image Sensor Timing
Can be programmed.
A. CCD : support 600,1200 or 2400 dpi CCD.
For example NEC, TOSHIBA, Sony ……etc.
B. CIS : support 600,1200 or 2400 dpi CIS.
For example Canon , Toshiba , Mitsubishi ……etc.
6.7. Dummy Line
Support programmable dummy lines to resolve (overcome) Start/Stop problem.
You can insert dummy lines to reduce scanner stop and wait events (buffer full) or always no-stop.
A. Line base of dummy lines:
The range of dummy lines is 0 line ~ 15 lines.
B. Adjustable dummy line:
The range is CCD or CIS minimum shift out time to 512k pixels time, can be adjusted by 1 pixel time increment.
6.8. Analog Front End Timing :
Internal 16 bits Front-End : Operation is similar to Wolfson or Analog Device.
6.9. Image Type
Support color, fine gray, fast gray and fast Black & White scan.
Support color filters selection for gray and B/W scan. The filters include Red, Green and Blue.
Note: The scan style of fine gray and color is same. So, fine gray scanning speed is slow.
The exposure time of fast gray scan is shorter than fine gray scan. So, fast gray Scanning speed is high.
6.10. Bits Depth
16 x3 Bits true color , 16 bits gray level and one bit Black & White.
Image data type : 16 bits , 8 bits and 1 bit data type.
6.11. Shading & Correction
a. White Shading & Dark Shading:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com