Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 21Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 22Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 24Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Revision 1.3
Mar.22 2001
-24-
GL646USB
B0:SCAN
: set: enable scan process.
: reset: disable scan process.
7.2. Reg : 02H
(Write)
Default : 01H
B7:NOTHOME
: set: auto-go-home doesn’t go back to home position.
: reset: go back to home position automatically.
B6:ACDCDIS
: set: disable forward/backward moving whenever buffer full.
: reset: enable forward/backward moving whenever buffer full.
B5:AGOHOME
: set: whenever scan is finished, carriage go home automatically.
: reset: disable auto-go-home function.
B4:MTRPWR
: set: turn on MOTOR power and phase.
: reset: turn off MOTOR power and phase.
B3:FASTFED
: set: enable two table for motor moving of theacceleration/deceleration.
: reset: disable two table, only use single table.
B2:MTRREV
: set: set motor reverse moving.
: reset: set motor forward moving.
B1~0:STEPSEL[1:0] : for table one scanning move step type selection.
(1).bi-polar :
a.00: full step.
b.01: half step.
c.10: quarter step.
d.11: reserved.
(2).uni-polar :
a.00: two-phase-on full step.
b.01: half step.
c.10: reserved.
d.11: single-phase-on full step.
7.3. Reg : 03H
(Write)
Default : 0CH
B7:TG3
: set: enable alternated CCD TG function.
: reset: disable.
B6:AVEENB
: set: select dpi average function
: reset: select dpi deletion function.
B5:XPASEL
: set: select transparency lamp on.
: reset: select flatbed lamp on.
B4:LAMPPWR: set: turn on LAMP power.
: reset: turn off LAMP power.
B3:LAMPDOG : set: to start lamp sleeping mode(default on).
: reset: to disable lamp sleeping mode.
B2~0:LAMPTIM[2:0]
: lamp on time setting (default: 4)
FASTMOD=1: LAMPTIM*2*(64k)*Line-Period.
FASTMOD=0: LAMPTIM*(64k)*Line-Period.
7.4. Reg : 04H
(Write)
Default : 03H
B7:LINEART
: set: Black/White scan.
: reset: Color/Gray scan.
B6:BITSET
: set : 16 bits image data type (= word).
: reset : 8 bits image data type (= byte).
B5~4:ADTYPE[1:0] : front end bits type:
a.00: reserved.
b.01: 16 bits.
c.10: reserved.
d.11: reserved.
B3~2:FILTER[1:0]
: scan color type :
a.00: color
b.01: R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com