Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 19Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Revision 1.3
Mar.22 2001
-15-
GL646USB
Internal white shading by pixel (16 bits resolution) and dark shading by pixel (16 bits resolution) can be enabled or
disabled By S/W. The white shading curve is calculated by S/W.
Data arrangement: Normal mode: dark R1,white R1,dark G1,white G1,dark B1,white B1,
dark R2,white R2,dark G2,white G2,dark B2,white B2,
dark R3,white R3,dark G3,white G3,dark B3,white B3,……
Fast mode: dark R1,white data R1,dark R2,white R2,dark R3, white R3…
dark G1,white data G1,dark G2,white G2,dark G3,white G3…
dark B1,white data B1,dark B2,white B2,dark B3,white B3…
White shading formula :
2000H x Target / (Wn-Dn) = White Gain data ----- for 8 times system
White shading formula :
4000H x Target / (Wn-Dn) = White Gain data ----- for 4 times system
For example : Target = 3FFFH
Wn = 2FFFH
Dn = 0040H
and 8 times system operation
then
White Gain = 2000H x 3FFFH / (2FFFH-0040H) = 2AE4H (1.34033 times)
b. Correction :
GAMMA correction table by S/W calculation. The resolution is 12 or 14 bits gamma table.
Range: 0 to 64k (16 bits) input mapping to 0 to 4k (12 bits) output ;
0 to 64k (16 bits) input mapping to 0 to 16k (14 bits)output;
0 to 64k (16 bits) input mapping to 0 to 255 (8 bits) output ;
0 to 64k (16 bits) input mapping to 0 to 255 (8 bits) output;
6.12. Threshold Level Setting
Can be programmed by S/W.
Range: 0 to 255 can be adjusted by one increment.
The threshold with bandwidth in order to reduce image noise.
6.13. Exposure Time Adjustable
Maximum: 512k pixels time (about 524 ms/line)
Adjustment step: 1 pixel time.
For Transparency scan, the exposure time can up to 524 ms.
6.14. To Control RGB Exposure Time Separately
bandwidth
a,b,c,g : are black pixels
d,e,f,h,i : are white pixels
BWHI
BWLOW
a
b
c
d
e
f
g
h
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com