Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 30Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 31Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 32Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 33Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Revision 1.3
Mar.22 2001
-29-
GL646USB
Programming registers are Reg5B/5C/5D/5E.
B6 : TCDFAST
:reserved.
B5 : DMYPIX
:reserved.
B4~0
:TGSHLD[4:0]
: to set CCD TG shoulder width.
7.22. Reg : 1EH
(Write)
Defalut : 20H
B7~4:WDTIME[3:0]
: to set watch-dog time.
Time : fast mode : WDTIME*2*(16K)*(Line-Priod).
normal mode: WDTIME*(16K)*(Line-Priod).
B3~0:LINESEL[3:0]
: to set CIS Vertical DPI or dummy lines.
CIS : LINESEL
=0
full dpi.
=1
1/2 dpi
=2
1/3 dpi
=3
1/4 dpi
…..
=15
1/16 dpi
CCD : LINESEL =0
no dummy line.
=1
1 dummy line.
=2
2 dummy lines.
=3
3 dummy lines.
……
=15
15 dummy lines.
Note : CIS can be implemented dummy line by motor move method, not dummy lines.
7.23. Reg : 1FH
(Write)
Default : 00H
SCANFED[7:0]:
move to scanning position by table one.
7.24. Reg : 20H
(Write)
Default : 00H
BUFSEL[7:0] : to set buffer condition (unit = 2k word).
Scanner execute backward/forward moving whenever buffer full.
If MAXWD < buffer condition, then motor move forward to scan.
7.25. Reg : 21H
(Write)
Defalut : 00H
STEPNO[7:0]: to set table one steps number for forward slope curve of the acceleration/deceleration.
7.26. Reg : 22H
(Write)
Defalut : 00H
FWDSTEP[7:0] : to set steps number of the forward steps.
7.27. Reg : 23H
(Write)
Defalut : 00H
BWDSTEP[7:0] : to set steps number of the backward steps.
7.28. Reg : 24H
(Write)
Defalut : 00H
FASTNO[7:0]: to set table one steps number for backward slope curve of the acceleration/deceleration under scanning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com