Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 22Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 24Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Revision 1.3
Mar.22 2001
-25-
GL646USB
c.10: G
d.11: B
B1~0:FESET[1:0]
: front-end selection.
a.00: reserved
b.01: reserved
c.10: Analog Device control style
d.11: Wolfson control style
7.5. Reg : 05H
(Write)
Default:00H
B7~6: DPIHW[1:0] : set CCD/CIS resolution
00=600dpi
01=1200dpi
10=2400dpi
11=reserved.
B5~4: GMMTYPE[1:0]
: set gamma bits depth. 00: 12 bits gamma table.
01: 14 bits gamma table.
10: reserved.
11: reserved.
B3: GMMENB
: set: enable gamma correction.
: reset: bypass gamma correction.
B2:LEDADD
: set: enable true gray by controlling CIS RGB LED array.
: reset: normal gray by controlling CIS single color LED array.
B1~0: BASESEL[1:0]
: (1).fast mode : set clocks/pixel of ASIC.
00: 9 clocks/pixel.
01: 12 clocks/pixel.
10: 15 clocks/pixel.
11: reserved.
(2). Normal mode : set clocks/pixel of CCD.
00: 24 clocks/pixel.
01: 12 clocks/pixel.
10: 8 clocks/pixel.
11: 6 clocks/pixel.
7.6. Reg : 06H
(Write)
Default:00H
B4: PWRBIT :When power on, set this bit.To indicate power has on.
Default is reset.
B3: GAIN4
: set: digital shading gain=4 times system.
: reset: digital shading gain=8 times system.
Note: If you want to get more precise image quality, you can set GAIN4 bit.
B2~0: OPTEST[2:0]: select ASIC operation type.
000: set normal mode to capture AFE image.
001: set DRAM bank, power on carriage initiated and ADF(motortgo) test for ASIC simulation.
010: pixel count pattern for ASIC image test.
011: line count pattern for ASIC image test.
100: counter and adder test for ASIC simulation test.
101:CCD TG test for TGMODE
7.7. Reg : 07H
(Write)
Default:00H
B1:DMASEL : set: DMA access DRAM under command mode.
: reset: MPU access DRAM under command mode.
B0:DMARDWR
: set: DMA read DRAM under command mode.
: reset: DMA write DRAM under command mode.
Note: DMA operation can be processed under CPU and DMA type.
7.8. Reg : 08H,09H
(Write)
Default:12H,14H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com