Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 17 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 13Page - ON Semiconductor LC450029PKB Datasheet HTML 14Page - ON Semiconductor LC450029PKB Datasheet HTML 15Page - ON Semiconductor LC450029PKB Datasheet HTML 16Page - ON Semiconductor LC450029PKB Datasheet HTML 17Page - ON Semiconductor LC450029PKB Datasheet HTML 18Page - ON Semiconductor LC450029PKB Datasheet HTML 19Page - ON Semiconductor LC450029PKB Datasheet HTML 20Page - ON Semiconductor LC450029PKB Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LC450029PKB
www.onsemi.com
17
Display Control and the INH Pad
Since the LSI internal data (1/4 duty : the display data D1 to D208 and the control data, 1/3 duty : the display data D1 to
D159 and the control data) is undefined when power is first applied. Applications should set the INH pad low at the
same time as power is applied to turn off the display (This sets the S1 to S53 and COM1 to COM4 pads the VSS level.)
and during this period send serial data from the controller. The controller should then set the INH pad high after the data
transfer has completed. This procedure prevents meaningless display at power on. VDD and VDDI are connected with
the same power supply. The timing of turn on and turn off for VDD and VDDI should be same time.
(See from Figure 5 to Figure 8)
 1/4 duty
(Note) The wait time (t1) which power supply turn on should be 1ms or more.
The discharge time (t2) of LCD panel’s electric charge should be decided the optimum value according to the
characteristic of the LCD panel.
The switching time (tc) of INH should be 10
s or more.
[Figure 5]
 1/3 duty
(Note) The wait time (t1) which power supply turn on should be 1ms or more.
The discharge time (t2) of LCD panel’s electric charge should be decided the optimum value according to the
characteristic of the LCD panel.
The switching time (tc) of INH should be 10
s or more.
[Figure 6]
Initialization of display data
and control data
t2
CE
INH
VIL1
tc
VIL1
t1
VDD=VDDI
OFF (VSS level output)
ON
Update display data
OFF (VSS level output)
S1 to S53
COM1 to COM4
Initialization of display data
and control data
t2
CE
INH
VIL1
tc
VIL1
t1
VDD=VDDI
OFF (VSS level output)
ON
Update display data
OFF (VSS level output)
S1 to S53
COM1 to COM4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com