Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 3 Page - ON Semiconductor

  LC450029PKB Datasheet HTML 1Page - ON Semiconductor LC450029PKB Datasheet HTML 2Page - ON Semiconductor LC450029PKB Datasheet HTML 3Page - ON Semiconductor LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LC450029PKB
www.onsemi.com
3
Electrical Characteristics for the Allowable Operating Ranges
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH1
CE, CL, DI, INH
0.1VDDI
V
VH2
OSCI
External clock operating mode
0.1VDDI
Input high-level
current
IIH1
CE, CL, DI, INH
VI = 6.0 V
5.0
A
IIH2
OSCI
VI = VDDI, External clock
operating mode
5.0
Input low-level
current
IIL1
CE, CL, DI, INH
VI = 0 V
5.0
A
IIL2
OSCI
VI = 0 V, External clock
operating mode
5.0
Output high-
level voltage
VOH1
S1 to S53
IO = 20 A
VDD
0.9
V
VOH2
COM1
to COM4
IO = 100 A
VDD
0.9
Output low-level
voltage
VOL1
S1 to S53
IO = 20 A
0.9
V
VOL2
COM1
to COM4
IO = 100 A
0.9
Output middle-
level voltage *1
VMID1
S1 to S53
IO = ±20 A
2/3VDD
0.9
2/3VDD
+0.9
V
VMID2
S1 to S53
IO = ±20 A
1/3VDD
0.9
1/3VDD
+0.9
VMID3
COM1
to COM4
IO = ±100 A
2/3VDD
0.9
2/3VDD
+0.9
VMID4
COM1
to COM4
IO = ±100 A
1/3VDD
0.9
1/3VDD
+0.9
Oscillator
frequency
fosc
Internal
oscillator circuit
Internal oscillator operating
mode
210
300
390
kHz
Current drain
(Total value of
VDD and VDDI)
IDD1
VDD, VDDI
<Power-saving mode>
VDD = VDDI = 6.0 V
40
100
A
IDD2
VDD, VDDI
<Internal oscillator operating mode>
VDD = VDDI = 6.0 V
Driver outputs are open.
200
400
IDD3
VDD, VDDI
<External clock operating mode>
VDD = VDDI = 6.0 V
fCK = 300 kHz
Driver outputs are open.
170
340
*1: Excluding the amount of voltage drop of the LCD BIAS GENERATOR which generates VDD1 and VDD2.
(See Figure 1.)
[Figure 1]
VSS
To Common drivers and Segment drivers
VDD2
VDD1
VDD
LCD BIAS
GENERATOR
Excluding the amount of voltage drop of the LCD BIAS GENERATOR
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com