Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 1 Page - ON Semiconductor

  LC450029PKB Datasheet HTML 1Page - ON Semiconductor LC450029PKB Datasheet HTML 2Page - ON Semiconductor LC450029PKB Datasheet HTML 3Page - ON Semiconductor LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number :
June 2017 - Rev. 1
LC450029PKB/D
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 25 of this data sheet.
* Computer Control Bus (CCB) is an ON Semiconductor’s original bus format and
the bus addresses are controlled by ON Semiconductor.
LC450029PKB
1/4 and 1/3-Duty General-Purpose
LCD Driver
Overview
The LC450029PKB is 1/4 duty and 1/3 duty general-purpose microcontroller-
controlled LCD drivers that can be used in applications such as frequency
display in products with electronic tuning. In addition to being capable to drive
up to 208 segments directly. The internal oscillation circuit helps to reduce the
number of external resistors and capacitors required. The chip shape is slim for
COG (Chip-On-Glass) implementation. The operating temperature range is
from
40C to +105C
Application
 Car or general consumer electronic LCD display equipment.
Features
 Selectable 1/4-duty or 1/3-duty drive by the serial control data
When 1/4-duty: Capable of driving up to 208 segments
When 1/3-duty: Capable of driving up to 159 segments
 1/3-bias only
 Serial data input supports CCB* format communication with the system
controller. (For 5 V operation only)
 The power-saving mode is selectable by the serial control data, and supports
low power consumption.
 Adjustable the frame frequency of the common and segment output waveforms
by the serial control data
 Selectable the internal oscillator operating or external clock operating mode by
the serial control data
 High generality, since display data is displayed directly without the
intervention of a decoder circuit.
 The INH pad allows all LCD segments to be forced to the off state.
 With a built-in oscillator circuit
(External resistors and capacitors are unnecessary.)
 The stability of the LCD bias voltage is high by a built-in LCD bias generator
with voltage-follower buffers.
 Shipping form: Chip with Au bumps in tray.
 Allowable operating voltage (VDD, VDDI)
: +4.5 V to +6.0 V
 Allowable wide operating temperature ranges
:
40C to +105C


Similar Part No. - LC450029PKB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC450029PKB ONSEMI-LC450029PKB Datasheet
204Kb / 25P
Duty General-Purpose LCD Display Driver
July, 2013
More results

Similar Description - LC450029PKB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
Duty General-Purpose LCD Driver
October, 2013
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
Duty General-Purpose LCD Driver
October, 2013
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
Duty General-Purpose LCD Driver
January 2015 - Rev. 0
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
Duty General-Purpose LCD Driver
July, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
Duty General-Purpose LCD Driver
January, 2014
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com