Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 19 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 15Page - ON Semiconductor LC450029PKB Datasheet HTML 16Page - ON Semiconductor LC450029PKB Datasheet HTML 17Page - ON Semiconductor LC450029PKB Datasheet HTML 18Page - ON Semiconductor LC450029PKB Datasheet HTML 19Page - ON Semiconductor LC450029PKB Datasheet HTML 20Page - ON Semiconductor LC450029PKB Datasheet HTML 21Page - ON Semiconductor LC450029PKB Datasheet HTML 22Page - ON Semiconductor LC450029PKB Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
LC450029PKB
www.onsemi.com
19
Notes on Controller Transfer of Display Data
When using the LC450029PKB in 1/4 duty, applications transfer the display data (D1 to D208) in four operations, and
in 1/3 duty, they transfer the display data (D1 to D159) in three operations. In either case, applications should transfer
all of the display data within 30ms to maintain the quality of displayed image.
About peripheral circuit of the input pad
(1) Processing of unused OSCI pad
When OSCI pad is not to be used, select the internal oscillator operating mode (control data OC=“0”), and OSCI pad
is connected to GND.
OSCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com