Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 22 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 17Page - ON Semiconductor LC450029PKB Datasheet HTML 18Page - ON Semiconductor LC450029PKB Datasheet HTML 19Page - ON Semiconductor LC450029PKB Datasheet HTML 20Page - ON Semiconductor LC450029PKB Datasheet HTML 21Page - ON Semiconductor LC450029PKB Datasheet HTML 22Page - ON Semiconductor LC450029PKB Datasheet HTML 23Page - ON Semiconductor LC450029PKB Datasheet HTML 24Page - ON Semiconductor LC450029PKB Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
LC450029PKB
www.onsemi.com
22
The Notes on Use
Important things for stability operation of IC are shown as follows. The contents indicated below do not guarantee IC
operation and the characteristic. Moreover, the example of an application circuit written in these specifications is for
explaining internal operation and usage. Therefore, please perform the design in consideration of the specification of
operation and terms and conditions in the actual LCD panel.
(1) The design of power supply
All power supply pads are connected to the power supply, and do not set open.
(2) ITO (Indium Tin Oxide) wiring
By designing the wire of power supply (VDD, VDDI, VSS) wide and short, make the parasitic resistance of ITO
wiring into the minimum.
(3) Signal wiring and connection
The DUMMY pad does not connect to anywhere, and sets open.
(4) Processing of unused input pad
For CMOS process, if an input pad is in open state, operation of IC may become unstable, or unnecessary power
supply current may flow through it. Please be sure to connect the empty pad of a logic input to VSS.
(5) The measure against shading
The optical irradiation to IC causes the mis-operation of IC. When IC is implemented, take the measures against
shading about the surface, back and side of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com