Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 2 Page - ON Semiconductor

  LC450029PKB Datasheet HTML 1Page - ON Semiconductor LC450029PKB Datasheet HTML 2Page - ON Semiconductor LC450029PKB Datasheet HTML 3Page - ON Semiconductor LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LC450029PKB
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max,
VDDI max
VDD=VDDI
0.3 to +6.5
V
Input voltage
VIN1
CE, CL, DI, INH
0.3 to +6.5
V
VIN2
OSCI
0.3 to VDDI+0.3
Output voltage
VOUT
S1 to S53, COM1 to COM4
0.3 to VDD+0.3
V
Output current
IOUT1
S1 to S53
300
A
IOUT2
COM1 to COM4
3
mA
Operating temperature
Topr
40 to +105
C
Storage temperature
Tstg
55 to +125
C
(Note) Power supply pads (VDD, VDDI) should connect all pads to the same power supply.
(See sample applications circuits)
Allowable Operating Ranges at Ta = 40 to +105C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD,
VDDI
VDD=VDDI
4.5
6.0
V
Input high-level voltage
VIH1
CE, CL, DI, INH
0.8VDD
6.0
V
VIH2
OSCI: External clock operating mode
0.8VDD
VDDI
Input low-level voltage
VIL1
CE, CL, DI, INH
0
0.2VDDI
V
VIL2
OSCI: External clock operating mode
0
0.2VDDI
External
clock
operating
frequency
fCK
OSCI: External clock operating mode
[Figure 4]
10
300
600
kHz
External clock duty cycle
DCK
OSCI: External clock operating mode
[Figure 4]
30
50
70
%
Data setup time
tds
CL, DI
[Figure 2] [Figure 3]
160
ns
Data hold time
tdh
CL, DI
[Figure 2] [Figure 3]
160
ns
CE wait time
tcp
CE, CL
[Figure 2] [Figure 3]
160
ns
CE setup time
tcs
CE, CL
[Figure 2] [Figure 3]
160
ns
CE hold time
tch
CE, CL
[Figure 2] [Figure 3]
160
ns
High-level clock pulse width
t
H
CL
[Figure 2] [Figure 3]
160
ns
Low-level clock pulse width
t
L
CL
[Figure 2] [Figure 3]
160
ns
Rise time
tr
CE, CL, DI
[Figure 2] [Figure 3]
160
ns
Fall time
tf
CE, CL, DI
[Figure 2] [Figure 3]
160
ns
INH switching time
tc
INH, CE
[Figure 5] [Figure 6]
10
s
(Note) Power supply pads (VDD, VDDI) should connect all pads to the same power supply.
(See sample applications circuits)
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com