Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 20 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 16Page - ON Semiconductor LC450029PKB Datasheet HTML 17Page - ON Semiconductor LC450029PKB Datasheet HTML 18Page - ON Semiconductor LC450029PKB Datasheet HTML 19Page - ON Semiconductor LC450029PKB Datasheet HTML 20Page - ON Semiconductor LC450029PKB Datasheet HTML 21Page - ON Semiconductor LC450029PKB Datasheet HTML 22Page - ON Semiconductor LC450029PKB Datasheet HTML 23Page - ON Semiconductor LC450029PKB Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
LC450029PKB
www.onsemi.com
20
Sample Applications Circuit 1
1/4 duty, Display data (D1 to D208), Internal oscillator operating mode
Sample Applications Circuit 2
1/4 duty, Display data (D1 to D204), External clock operating mode
*2 Connect capacitors between a power supply line and GND for noise removal and power supply stabilization.
Determine the value of a capacitor, after an actual circuit board estimates.
*3 In 1/4 duty, S51 pad outputs VSS level.
*4 When OSCI pad is not to be used, select the internal oscillator operating mode (control data OC=“0”),
and OSCI pad is connected to GND.
*5 In external clock operating mode, S53 pad outputs VSS level.
DI
CL
CE
OSCI
COM4
S5
S4
S2
S1
COM3
COM2
COM1
*2
+5V
S3
S50
S51
S52
S53
(OPEN) *3
C
VLOGIC
(OPEN)
(OPEN)
(OPEN)
C
VDDI
Controller
*2
*4
VSS
VDD2
VDD1
VDD
INH
DI
CL
CE
OSCI
COM4
S5
S4
S2
S1
COM3
COM2
COM1
+5V
S3
S50
S51
S52
S53
(OPEN) *3
VLOGIC
(OPEN)
(OPEN)
(OPEN)
VDDI
Controller
(OPEN) *5
*2
C
C *2
VSS
VDD2
VDD1
VDD
INH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com