Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6145MTC14X Datasheet(PDF) 6 Page - ON Semiconductor

Part # FMS6145MTC14X
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6145MTC14X Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FMS6145MTC14X Datasheet HTML 2Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 3Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 4Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 5Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 6Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 7Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 8Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 9Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 • Rev. 2.0.6
5
Typical Performance Characteristics
TA = 25°C, VCC = 5V, RSOURCE = 37.5Ω; all inputs AC coupled with 0.1μF; all outputs are AC coupled with 220μF into 150Ω
loads; unless otherwise noted.
1 = 8.2MHz (14.78ns)
1
-50
50
-40
-30
-20
-10
0
40
400kHz
5
10
15
25
20
30
Frequency (MHz)
30
10
20
3
2
400kHz
5
10
15
25
20
30
Frequency (MHz)
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
1
Mkr Frequency
Gain
Ref 400kHz
6dB
1
6.68MHz
-1dB BW
2
7.87MHz
-3dB BW
3
27MHz
-48.66dB
-0.5
-0.4
-0.3
-0.2
0.2
1st
2nd
3rd
5th
4th
6th
0.1
-0.1
0
-60
400kHz
1
2
3
5
46
Frequency (MHz)
-70
-80
-90
-100
-110
-120
-130
NTSC
Min = -0.31
Max = 0.03
ppMax = 0.34
-0.4
-0.2
0
0.2
1.0
1st
2nd
3rd
5th
4th
6th
0.8
0.4
0.6
NTSC
Min = 0.00
Max = 0.63
ppMax = 0.63
Figure 5. Differential Phase
Figure 3. Noise vs. Frequency
Figure 4. Differential Gain
Figure 1. Frequency Response
Figure 2. Group Delay vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com