Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6145MTC14X Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMS6145MTC14X
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6145MTC14X Datasheet(HTML) 3 Page - ON Semiconductor

  FMS6145MTC14X Datasheet HTML 1Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 2Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 3Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 4Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 5Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 6Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 7Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 8Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 • Rev. 2.0.6
2
Pin Configuration
FMS6145
14-pin
TSSOP
IN1
OUT1
IN2
IN3
OUT3
VCC
IN4
IN5
NC
OUT2
GND
OUT5
NC
OUT4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Pin Assignments
Pin #
Name
Type
Description
1
IN1
Input
Video input, channel 1
2
IN2
Input
Video input, channel 2
3
IN3
Input
Video input, channel 3
4VCC
Input
+5V supply, do not float
5
IN4
Input
Video input, channel 4
6
IN5
Input
Video input, channel 5
7, 8
NC
No Connect
9
OUT5
Output
Filtered video output, channel 5
10
OUT4
Output
Filtered video output, channel 4
11
GND
Output
Must be tied to ground, do not float
12
OUT3
Output
Filtered video output, channel 3
13
OUT2
Output
Filtered video output, channel 2
14
OUT1
Output
Filtered video output, channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com