Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6145MTC14X Datasheet(PDF) 11 Page - ON Semiconductor

Part # FMS6145MTC14X
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6145MTC14X Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FMS6145MTC14X Datasheet HTML 5Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 6Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 7Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 8Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 9Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 10Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 11Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 12Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 • Rev. 2.0.6
10
Physical Dimensions
Figure 17. TSSOP-14 Package
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH,
AND TIE BAR EXTRUSIONS
F. DRAWING FILE NAME: MTC14REV6
R0.09 min
12.00°
TOP & BOTTOM
0.43 TYP
1.00
D. DIMENSIONING AND TOLERANCES PER ANSI
Y14.5M, 1982
R0.09min
E. LANDPATTERN STANDARD: SOP65P640X110-14M
0.65
6.10
1.65
0.45
A. CONFORMS TO JEDEC REGISTRATION MO-153,
VARIATION AB, REF NOTE 6
B. DIMENSIONS ARE IN MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com