Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6145MTC14X Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMS6145MTC14X
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6145MTC14X Datasheet(HTML) 4 Page - ON Semiconductor

  FMS6145MTC14X Datasheet HTML 1Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 2Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 3Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 4Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 5Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 6Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 7Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 8Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 • Rev. 2.0.6
3
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the conditions
for actual device operation. Functional operation under any of these conditions is NOT implied. Performance and reliabi-
lity are guaranteed only if recommended operating conditions are not exceeded.
Parameter
Min.
Max.
Unit
DC Supply Voltage
-0.3
6
V
Analog and Digital I/O
-0.3
VCC + 0.3
V
Output Channel - Any One Channel (Do Not Exceed)
50
mA
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
150
°C
TSTSG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature (Soldering, 10s)
300
°C
θ
JA
Thermal Resistance, JEDEC Standard Multi-layer
Test Boards, Still Air
90
°C/W
Electrostatic Discharge Information
Symbols
Parameter
Max.
Unit
ESD
Human Body Model, JESD22-A114
4
kV
Charged Device Model, JESD22-C101
2
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
-40
+85
°C
VCC
VCC Range
+4.75
+5.0
+5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com