Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6145MTC14X Datasheet(PDF) 7 Page - ON Semiconductor

Part # FMS6145MTC14X
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6145MTC14X Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FMS6145MTC14X Datasheet HTML 3Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 4Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 5Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 6Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 7Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 8Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 9Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 10Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 • Rev. 2.0.6
6
Typical Application Diagrams
The following circuit may be used for direct DC-coupled drive by DACs with an output voltage range of 0V to 1.4V.
AC-coupled or DC-coupled outputs may be used with AC-coupled outputs, offering slightly lower power dissipation.
Figure 6. Typical Application Diagram
75Ω
220μF
220μF
220μF
+5V
FMS6145
14L TSSOP
IN1
OUT1
IN2
IN3
OUT3
VCC
IN4
OUT4
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN5
NC
OUT2
GND
OUT5
NC
0.1
μF
1.0
μF
75Ω
75Ω
75Ω
75Ω
75Ω
220μF
75Ω
75Ω
75Ω Video Cables
220μF
75Ω
75Ω
75Ω Video Cables
Video
SoC
ROUT
BOUT
YOUT
GOUT
COUT
DAC load resistors
per SoC specifications.
AC coupling caps
are optional.
DVD Player or STB
R
G
B
Y
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com