Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6145MTC14X Datasheet(PDF) 9 Page - ON Semiconductor

Part # FMS6145MTC14X
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6145MTC14X Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FMS6145MTC14X Datasheet HTML 5Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 6Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 7Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 8Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 9Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 10Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 11Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 12Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 • Rev. 2.0.6
8
The same method can be used for biased signals, with the
addition of a pull-up resistor to make sure the clamp never
operates. The internal pull-down resistance is 800kΩ
±20%, so the external resistance should be 7.5MΩ to set
the DC level to 500mV; as shown in Figure 12.
LCVF
Bias
Input
0.1μ
External video
source must
be AC coupled
500mV +/-350mV
75Ω
7.5MΩ
75Ω
Figure 12. Biased SCART with
DC-Coupled Outputs
The same circuits can be used with AC-coupled outputs if
desired.
DVD or
STB
SoC
DAC
Output
LCVF
Clamp
Active
0.1μ
0V - 1.4V
75Ω
220μ
Figure 13. DC-Coupled Inputs,
AC-Coupled Outputs
DVD or
STB
SoC
DAC
Output
75Ω
LCVF
Clamp
Active
0.1μ
0V - 1.4V
220μ
Figure 14. AC-Coupled Inputs and Outputs
Figure 15. Biased SCART with
AC-Coupled Outputs
Note:
The video tilt or line time distortion is dominated by
the AC-coupling capacitor. The value may need to be incre-
ased beyond 220μF to obtain satisfactory operation in
some applications.
Power Dissipation
The FMS6145 output drive configuration must be considered
when calculating overall power dissipation. Care must be
taken not to exceed the maximum die junction temperature.
The following example can be used to calculate the
FMS6146’s power dissipation and internal temperature rise.
Tj = TA + Pd • qJA
EQ. 1
where: Pd = PCH1 + PCH2 + PCH3 and
EQ. 2
PCHx = VCC • ICH - (VO2/RL)
EQ. 3
where: VO = 2VIN + 0.280V
EQ. 4
ICH = (ICC/3) + (VO/RL)
EQ. 5
VIN = RMS value of input signal
ICC = 30mA
VCC = 5V
RL = channel load resistance
Board layout can also affect thermal characteristics. Refer
to the Layout Considerations section for details.
The FMS6145 is specified to operate with output currents
typically less than 50mA, more than sufficient for a dual
(75Ω) video load. Internal amplifiers are current limited to a
maximum of 100mA and should withstand brief-duration
short-circuit conditions; this capability is not guaranteed.
LCVF
Clamp
Active
0.1μ
External video
source must
be AC coupled
0V - 1.4V
220μ
75Ω
75Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com