Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6145MTC14X Datasheet(PDF) 10 Page - ON Semiconductor

Part # FMS6145MTC14X
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6145MTC14X Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FMS6145MTC14X Datasheet HTML 5Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 6Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 7Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 8Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 9Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 10Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 11Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 12Page - ON Semiconductor FMS6145MTC14X Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 • Rev. 2.0.6
9
Layout Considerations
General layout and supply bypassing play major roles in
high-frequency performance and thermal characteristics.
Fairchild offers a demonstration board, FMS6145DEMO,
to guide layout and aid device testing and characterizati-
on. The FMS6145DEMO is a four-layer board with full
power and ground planes. Following this layout configu-
ration provides the optimum performance and thermal
characteristics. For optimum results, follow the guidelines
below as a basis for high-frequency layout:
Include 1μF and 0.1μF ceramic bypass capacitors.
Place the 1μF capacitor within 0.75 inches of the
power pin.
Place the 0.1μF capacitor within 0.1 inches of the
power pin.
For multi-layer boards, use a large ground plane to help
dissipate heat.
For two-layer boards, use a ground plane that extends
beyond the device by at least 0.5 inches.
Minimize all trace lengths to reduce series inductances.
■
■
■
■
■
■
Output Considerations
The FMS6145 outputs are DC offset from the input by
150mV. Therefore, V
OUT = 2•VIN DC+150mV. This offset is
required to obtain optimal performance from the output dri-
ver and is held at the minimum value to decrease the stan-
ding DC current into the load. Since the FMS6145 has a 2x
(6dB) gain, the output is typically connected via a 75Ω-
series back-matching resistor, followed by the 75Ω video
cable. Due to the inherent divide by two of this configurati-
on, the blanking level at the load of the video signal is
always less than 1V. When AC-coupling the output, ensure
that the coupling capacitor of choice passes the lowest
frequency content in the video signal and that line time dis-
tortion (video tilt) is kept as low as possible.
The selection of the coupling capacitor is a function of the
subsequent circuit input impedance and the leakage cur-
rent of the input being driven. To obtain the highest quality
output video signal, the series termination resistor must be
placed as close to the output pin as possible. This reduces
the parasitic capacitance and inductance effect on the out-
put driver. The distance from the device pin to the series
termination resistor should be no greater than 0.1 inches.
Figure 16. Distance from Device Pin to Series
Termination Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com