Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7687BCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7687BCPZ-R2
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7687BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Data Sheet
AD7687
Rev. E | Page 11 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65535
POSITIVE INL = +0.32LSB
NEGATIVE INL = –0.41LSB
Figure 6. Integral Nonlinearity vs. Code
300000
250000
150000
200000
100000
50000
0
CODE IN HEX
45
46
47
41
42
43
44
0
0
1049
0
0
258680
1391
VDD = REF = 5V
Figure 7. Histogram of a DC Input at the Code Center, VDD = REF = 5 V
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–160
–140
–180
0
20
40
60
80
100
120
8192 POINT FFT
VDD = REF = 5V
fS = 250kSPS
fIN = 2.1kHz
SNR = 95.5dB
THD = –118.3dB
2nd HARMONIC = –130dB
3rd HARMONIC = –122.7dB
Figure 8. FFT Plot, VDD = REF = 5 V
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65535
POSITIVE DNL = +0.27LSB
NEGATIVE DNL = –0.24LSB
Figure 9. Differential Nonlinearity vs. Code
250000
150000
200000
100000
50000
0
CODE IN HEX
49
4A
4C
44
46
47
48
0
45
0
60
30721
18
4B
0
0
200403
29918
VDD = REF = 2.5V
Figure 10. Histogram of a DC Input at the Code Center, VDD = REF = 2.5 V
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–160
–140
–180
0
20
40
60
80
100
120
32768 POINT FFT
VDD = REF = 2.5V
fS = 250kSPS
fIN = 2kHz
SNR = 92.8dB
THD = –115.9dB
2nd HARMONIC = –124dB
3rd HARMONIC = –119dB
Figure 11. FFT Plot, VDD = REF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com