Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7687BCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7687BCPZ-R2
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7687BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AD7687
Data Sheet
Rev. E | Page 18 of 26
Additionally, it is resistant to power supply variations over a wide
frequency range. Figure 31 shows the power supply rejection
ration (PSRR) of the device over frequency.
FREQUENCY (kHz)
100
95
90
85
80
75
70
65
60
55
50
1
10
100
1000
10000
VDD = 5V
VDD = 2.5V
Figure 31. PSRR vs. Frequency
The AD7687 powers down automatically at the end of each
conversion phase, and consequentially its power consumption
scales linearly with the sampling rate, as shown in Figure 32.
This makes the device ideal for low sampling rate (even a few
SPS) and low battery-powered applications.
SAMPLING RATE (SPS)
1000
10
0.1
0.001
10
100
1000
10000
100000
1000000
VIO
VDD = 5V
VDD = 2.5V
Figure 32. Operating Currents vs. Sampling Rate
SUPPLYING THE ADC FROM THE REFERENCE
With its low operating current, the AD7687 can be supplied
directly by the reference circuitry (see Figure 33). The reference
line is driven by one of the following:
The system power supply directly.
A reference voltage with enough current output capability,
such as the ADR435.
A reference buffer, such as the AD8031, which can also
filter the system power supply (see Figure 33).
AD8031
AD7687
VIO
REF
VDD
10
F
1
F
10
10k
5V
5V
5V
1
F
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
Figure 33. Example of Application Circuit
DIGITAL INTERFACE
Though the AD7687 has a reduced number of pins, it offers
flexibility in its serial interface modes.
When in CS mode, the AD7687 is compatible with SPI, QSPI,
digital hosts, and DSPs, such as the Blackfin® processors or the
high performance, mixed-signal DSP family. In this mode, the
AD7687 uses either a 3-wire or a 4-wire interface. A 3-wire
interface using the CNV, SCK, and SDO signals minimizes
wiring connections and is useful, for instance, in isolated
applications. A 4-wire interface using the SDI, CNV, SCK, and
SDO signals allows CNV, which initiates the conversions, to be
independent of the readback timing (SDI). This is useful in low
jitter sampling or simultaneous sampling applications.
When in chain mode, the AD7687 provides a daisy chain
feature using the SDI input for cascading multiple ADCs on a
single data line similar to a shift register.
The mode in which the device operates depends on the SDI
level when the CNV rising edge occurs. The CS mode is
selected if SDI is high, and the chain mode is selected if SDI is
low. The SDI hold time is such that when SDI and CNV are
connected together, the chain mode is always selected.
The initial state of SDO on power up is indeterminate. Therefore,
to put SDO in a known state, initiate a conversion and clock out
all data bits.
In either mode, the AD7687 offers the option of forcing a start
bit in front of the data bits. Use this start bit as a BUSY signal
indicator to interrupt the digital host and trigger the data
reading. Otherwise, without a BUSY indicator, the user must
time out the maximum conversion time prior to readback.
The BUSY indicator feature is enabled
In the CS mode if CNV or SDI is low when the ADC
conversion ends (see Figure 37 and Figure 41).
In the chain mode if SCK is high during the CNV rising
edge (see Figure 45).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com