Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7687BCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7687BCPZ-R2
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7687BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AD7687
Data Sheet
Rev. E | Page 14 of 26
THEORY OF OPERATION
SW+
MSB
16,384C
IN+
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
IN–
4C
2C
C
C
32,768C
SW–
MSB
16,384C
LSB
4C
2C
C
C
32,768C
Figure 24. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7687 is a fast, low power, single-supply, precise 16-bit
ADC using a successive approximation architecture.
The AD7687 is capable of converting 250,000 samples per
second (250 kSPS) and powers down between conversions.
When operating at 100 SPS, for example, it typically consumes
1.35 µW, which is ideal for battery-powered applications.
The AD7687 provides the user with an on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple multiplexed channel applications.
The AD7687 is specified for use from 2.3 V to 5.5 V and can be
interfaced to any of the 1.8 V to 5 V digital logic family. It is
housed in a 10-lead MSOP or in a tiny 10-lead LFCSP that saves
space and allows flexible configurations.
It is pin-for-pin-compatible with the AD7685, AD7686, and
AD7688.
CONVERTER OPERATION
The AD7687 is a successive approximation ADC based on a
charge redistribution DAC. Figure 24 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to GND via SW+ and
SW−. All independent switches are connected to the analog
inputs. Thus, the capacitor arrays function as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs. When the acquisition phase is complete and the CNV
input goes high, a conversion phase is initiated. When the
conversion phase begins, SW+ and SW− open first. The two
capacitor arrays are then disconnected from the inputs and
connected to the GND input. Therefore, the differential voltage
between the inputs IN+ and IN− captured at the end of the
acquisition phase is applied to the comparator inputs, causing
the comparator to become unbalanced. By switching each
element of the capacitor array between GND and REF, the
comparator input varies by binary weighted voltage steps
(VREF/2, VREF/4…VREF/65536). The control logic toggles these
switches, starting with the MSB, to bring the comparator back
into a balanced condition. After the completion of this process,
the device returns to the acquisition phase and the control logic
generates the ADC output code and a BUSY signal indicator.
Because the AD7687 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com