Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7687BCPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7687BCPZ-R2
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BCPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7687BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Data Sheet
AD7687
Rev. E | Page 25 of 26
APPLICATIONS INFORMATION
LAYOUT
Providing a steady and stable reference voltage to the AD7687 is
critical for device operation. Prioritize design tasks aimed at
preventing voltage fluctuations at this node. Decouple the REF
pin, which has a dynamic input impedance, with minimal parasitic
inductances (see the Converter Operation Section). Achieve this
by placing the reference decoupling ceramic capacitor as close as
physically possible the REF and GND pins and connecting it
with wide, low impedance traces.
Limiting sources of noise on the analog signal nodes is
imperative in high precision ADC systems. The digital lines
controlling the AD7687 have the potential to radiate noise that
can couple into the analog signals; therefore, ensure that these
two types of signals are separated and confined to different
areas of boards housing the AD7687. Never allow fast switching
signals (such as CNV or clocks) to run near analog signal paths,
and avoid physical crossover of digital and analog signals. Do
not route digital lines under the AD7687 without a ground
plane providing adequate isolation between the two. To
facilitate these design tasks, the analog and digital pins are
located on separate sides of the device (see Figure 46).
Printed circuit boards (PCBs) housing the AD7687 must contain
at least one ground plane. Connecting analog and digital ground
on the board is not required; however, connecting these planes
underneath the AD7687 is recommended.
Finally, decouple the power supply pins of the AD7687 (VDD
and VIO) with ceramic capacitors (typically 100 nF) placed
close to the AD7687 and connected using short and wide traces
to provide low impedance paths and reduce the effect of glitches
on the power supply lines.
Figure 46 and Figure 47 show an example of a layout following
these rules.
Figure 46. Example of Layout of the AD7687 (Top Layer)
Figure 47. Example of Layout of the AD7687 (Bottom Layer)
EVALUATING THE PERFORMANCE OF THE AD7687
The EVAL-AD7687SDZ evaluation board documentation
outlines other recommended layouts for the AD7687. The
evaluation board package includes a fully assembled and tested
evaluation board, documentation, and software for controlling
the board from a PC via the EVAL-SDP-CB1Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com