Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7687BCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7687BCPZ-R2
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7687BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data Sheet
AD7687
Rev. E | Page 15 of 26
Transfer Functions
Figure 25 and Table 9 show the ideal transfer characteristic for
the AD7687.
100...000
100...001
100...010
011...101
011...110
011...111
ANALOG INPUT
+FSR – 1.5 LSB
+
FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 25. ADC Ideal Transfer Function
Table 9. Output Codes and Ideal Input Voltages
Description
Analog Input
VREF = 5 V
Digital Output Code
Hexadecimal
FSR − 1 LSB
+4.999847 V
7FFF1
Midscale + 1 LSB
+152.6 µV
0001
Midscale
0 V
0000
Midscale − 1 LSB
−152.6 µV
FFFF
−FSR + 1 LSB
−4.999847 V
8001
−FSR
−5 V
80002
1
This is also the code for an overranged analog input (VIN+ − VIN− above
VREF − VGND).
2
This is also the code for an underranged analog input (VIN+ − VIN− below
−VREF + VGND).
TYPICAL CONNECTION DIAGRAM
Figure 26 shows an example of the recommended connection
diagram for the AD7687 when multiple supplies are available.
AD7687
REF
GND
VDD
IN–
IN+
VIO
SDI
SCK
SDO
CNV
3- OR 4-WIRE INTERFACE5
100nF
100nF
5V
10µF2
≥7V
≥7V
≤–2V
1.8V TO VDD
REF1
0 TO VREF
33Ω
2.7nF
3
4
≥7V
≤–2V
VREF TO 0
33Ω
2.7nF
3
4
1SEE VOLTAGE INPUT REFERENCE SECTION FOR REFERENCE SELECTION.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3SEE DRIVER AMPLIFIER CHOICE SECTION.
4OPTIONAL FILTER. SEE ANALOG INPUT SECTION.
5SEE DIGITAL INTERFACE FOR MOST CONVENIENT INTERFACE MODE.
Figure 26. Typical Connection Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com