Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7687BCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7687BCPZ-R2
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7687BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AD7687
Data Sheet
Rev. E | Page 16 of 26
ANALOG INPUT
Figure 27 shows an equivalent circuit of the input structure of
the AD7687.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs IN+ and IN−. Take care to ensure that the analog
input signal never exceeds the supply rails by more than 0.3 V
because this causes these diodes to begin to forward-bias and
start conducting current. These diodes can handle a forward-
biased current of 130 mA maximum. These overvoltage
conditions can occur if the supplies of the input buffer (U1)
differ from VDD. In such a case, use an input buffer with a
short-circuit current limitation to protect the device.
CIN
RIN
D1
D2
CPIN
IN+
OR IN–
GND
VDD
Figure 27. Equivalent Analog Input Circuit
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. This differential input
scheme allows for rejection of common-mode signals. Figure 28
shows the typical CMRR over frequency.
FREQUENCY (kHz)
90
80
70
60
40
50
1
10
100
1000
VDD = 5V
VDD = 2.5V
Figure 28. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of capacitor, CPIN, and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is
typically 3 kΩ and is a lumped component made up of some
serial resistors and the on resistance of the switches. CIN is
typically 30 pF and is mainly the ADC sampling capacitor.
During the conversion phase, where the switches are opened,
the input impedance is limited to CPIN. RIN and CIN make a
1-pole, low-pass filter that reduces undesirable aliasing effects
and limits the noise.
If the source impedance of the driving circuit is sufficiently low,
the AD7687 can be driven directly. Large source impedances
significantly affect the ac performance, especially the total
harmonic distortion (THD). The maximum source impedance
depends on the amount of THD that can be tolerated by the
AD7687. The THD degrades as a function of the source
impedance and the maximum input frequency, as shown in
Figure 29.
FREQUENCY (kHz)
–60
–70
–80
–90
–100
–110
–120
0
25
50
75
100
RS = 250Ω
RS = 100Ω
RS = 50Ω
RS = 33Ω
Figure 29. THD vs. Analog Input Frequency and Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com