Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7687BCPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7687BCPZ-R2
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BCPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7687BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD7687BCPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AD7687
Data Sheet
Rev. E | Page 24 of 26
CHAIN MODE WITH BUSY INDICATOR
This mode can also be used to daisy-chain multiple AD7687
devices on a 3-wire serial interface while providing a BUSY
indicator. This feature is useful for reducing component count
and wiring connections, for isolated multiconverter applications
or for systems with a limited interfacing capacity (for example).
Data readback is analogous to clocking a shift register.
Figure 44 shows a connection diagram example using three
AD7687 devices, and Figure 45 gives the corresponding timing.
When SDI and CNV are low, SDO is driven low. With SDI low
and SCK high, a rising edge on CNV initiates a conversion,
selects the chain mode, and enables the BUSY indicator feature.
In this mode, CNV is held high during the conversion phase
and the subsequent data readback. When all ADCs in the chain
have completed their conversions, the SDO pin of the ADC
closest to the digital host (see the AD7687 C in Figure 44) is driven
high. This transition on SDO can act as a BUSY indicator to
trigger the data readback controlled by the digital host. The
AD7687 then enters the acquisition phase and powers down.
The data bits stored in the internal shift register are then
clocked out, MSB first, by subsequent SCK falling edges. For
each ADC, SDI feeds the input of the internal shift register;
these data bits are also shifted in by the SCK falling edge. Each
of the N ADCs in the chain outputs its data MSB first. The data
is valid on both SCK edges. Although the rising edge can capture
the data, a digital host using the SCK falling edge allows a faster
reading rate and, consequently, more AD7687 devices in the
chain (provided the digital host has an acceptable hold time).
After the optional (16 × N) + 1th SCK falling edge or CNV
rising edge, whichever is earlier, SDO is driven low again. The
maximum conversion rate may be reduced due to the total
readback time. For example, using a digital host with a 3 ns set-
up time and 3 V interface, up to eight AD7687 devices daisy-
chained on a 3-wire port can be run at a maximum effective
conversion rate of 220 kSPS.
CLK
CONVERT
DATA IN
IRQ
DIGITAL HOST
CNV
SCK
SDO
SDI
AD7687
C
CNV
SCK
SDO
SDI
AD7687
A
CNV
SCK
SDO
SDI
AD7687
B
Figure 44. Chain Mode with BUSY Indicator Connection Diagram
SDOA = SDIB
DA15 DA14 DA13
SCK
1
2
3
35
47
48
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV = SDIA
DA1
4
15
tSCK
tSCKH
tSCKL
DA0
17
34
16
SDOB = SDIC
DB15 DB14 DB13
DA1
DB1
DB0 DA15 DA14
49
tSSDISCK
tHSDISC
tHSDO
tDSDO
SDOC
DC15 DC14 DC13
DA1
DA0
DC1
DC0
DA14
19
31
32
18
33
DB1
DB0 DA15
DB15 DB14
tDSDOSDI
tSSCKCNV
tHSCKCNV
DA0
tDSDOSDI
tDSDOSDI
tDSDOSDI
tDSDOSDI
Figure 45. Chain Mode with BUSY Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com