Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7452BRTZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7452BRTZ-R2
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD7452BRTZ-R2 Datasheet HTML 1Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 2Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 3Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
AD7452
Rev. C | Page 3 of 24
SPECIFICATIONS
VDD = 2.7 V to 3.6 V, fSCLK = 10 MHz, fS = 555 kSPS, VREF = 2.0 V; VDD = 4.75 V to 5.25 V, fSCLK = 10 MHz, fS = 555 kSPS, VREF = 2.5 V;
VCM1 = VREF; TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
B Version2
Unit
DYNAMIC PERFORMANCE
f
IN = 100 kHz
Signal-to-(Noise + Distortion) (SINAD)3
70
dB min
Total Harmonic Distortion (THD)3
V
DD = 4.75 V to 5.25 V, –86 dB typ
–76
dB max
V
DD = 2.7 V to 3.6 V, –84 dB typ
–74
dB max
Peak Harmonic or Spurious Noise3
V
DD = 4.75 V to 5.25 V, –86 dB typ
–76
dB max
V
DD = 2.7 V to 3.6 V, –84 dB typ
–74
dB max
Intermodulation Distortion (IMD)3
fa = 90 kHz, fb = 110 kHz
Second-Order Terms
–89
dB typ
Third-Order Terms
–89
dB typ
Aperture Delay3
5
ns typ
Aperture Jitter3
50
ps typ
Full Power Bandwidth3, 4
@ –3 dB
20
MHz typ
@ –0.1 dB
2.5
MHz typ
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL) 3
±1
LSB max
Differential Nonlinearity (DNL) 3
Guaranteed no missed codes to 12 bits
± 0.95
LSB max
Zero-Code Error3
±6
LSB max
Positive Gain Error3
±2
LSB max
Negative Gain Error3
±2
LSB max
ANALOG INPUT
Full-Scale Input Span
2 × V
REF
5
V
IN+ – VIN–
V
Absolute Input Voltage
V
IN+
V
CM = VREF
V
CM
1 ± V
REF/2
V
V
IN–
V
CM = VREF
V
CM
1 ± V
REF/2
V
DC Leakage Current
±1
µA max
Input Capacitance
When in track/hold
30/10
pF typ
REFERENCE INPUT
V
REF Input Voltage
V
DD = 4.75 V to 5.25 V (±1% tolerance for
specified performance)
2.56
V
V
DD = 2.7 V to 3.6 V (±1% tolerance for
specified performance)
2.07
V
DC Leakage Current
±1
µA max
V
REF Input Capacitance
When in track/hold
10/30
pF typ
LOGIC INPUTS
Input High Voltage, V
INH
2.4
V min
Input Low Voltage, V
INL
0.8
V max
Input Current, I
IN
Typically 10 nA, V
IN = 0 V or VDD
±1
µA max
Input Capacitance, C
IN
8
10
pF max
LOGIC OUTPUTS
Output High Voltage, V
OH
V
DD = 4.75 V to 5.25 V, ISOURCE = 200 µA
2.8
V min
V
DD = 2.7 V to 3.6 V, ISOURCE = 200 µA
2.4
V min
Output Low Voltage, V
OL
I
SINK = 200 µA
0.4
V max
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance8
10
pF max
Output Coding
Twos Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com