Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7452BRTZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7452BRTZ-R2
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7452BRTZ-R2 Datasheet HTML 11Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 12Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 13Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 14Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 15Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 16Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 17Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 18Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD7452
Data Sheet
Rev. C | Page 14 of 24
TYPICAL CONNECTION DIAGRAM
Figure 21 shows a typical connection diagram for the AD7452
for both 5 V and 3 V supplies. In this setup, the GND pin is
connected to the analog ground plane of the system. The VREF
pin is connected to either a 2.5 V or a 2 V decoupled reference
source, depending on the power supply, to set up the analog
input range. The common-mode voltage has to be set up
externally and is the value on which the two inputs are centered.
The conversion result is output in a 16-bit word with four
leading zeros followed by the MSB of the 12-bit result. For more
details on driving the differential inputs and setting up the
common mode, refer to the Driving Differential Inputs section.
SERIAL
INTERFACE
2V/2.5V
VREF
AD7452
C/P
0.1
F
3V/5V
SUPPLY
0.1
F
10
F
VDD
VIN+
VIN–
SCLK
SDATA
CS
GND
VREF
CM*
CM*
VREF
p-p
VREF
p-p
*CM IS THE COMMON-MODE VOLTAGE.
Figure 21. Typical Connection Diagram
ANALOG INPUT
The analog input of the AD7452 is fully differential. Differential
signals have a number of benefits over single-ended signals,
including noise immunity based on the device’s common-mode
rejection, improvements in distortion performance, doubling of
the device’s available dynamic range, and flexibility in input
ranges and bias points. Figure 22 defines the fully differential
analog input of the AD7452.
VREF
p-p
VIN+
VIN–
AD7452
VREF
p-p
COMMON-
MODE
VOLTAGE
Figure 22. Differential Input Definition
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN– pins (that is,
VIN+ – VIN–). VIN+ and VIN– are simultaneously driven by two
signals, each of amplitude VREF, that are 180° out of phase. The
amplitude of the differential signal is therefore –VREF to +VREF
peak-to-peak (that is, 2 ×VREF). This is true regardless of the
common mode (CM).
The common mode is the average of the two signals, that is,
(VIN+ + VIN–)/2, and is therefore the voltage upon which the two
inputs are centered. This results in the span of each input being
CM ± VREF/2. This voltage has to be set up externally, and its
range varies with VREF. As the value of VREF increases, the
common-mode range decreases. When driving the inputs with
an amplifier, the actual common-mode range is determined by
the amplifier’s output voltage swing.
Figure 23 and Figure 24 show how the common-mode range
typically varies with VREF for both 5 V and 3 V power supplies.
The common mode must be in this range to guarantee the
functionality of the AD7452.
For ease of use, the common mode can be set up to equal VREF,
resulting in the differential signal being ±VREF centered on VREF.
When a conversion takes place, the common mode is rejected,
resulting in a virtually noise-free signal of amplitude, –VREF to
+VREF, corresponding to the digital codes of 0 to 4096.
VREF (V)
2.5
0
0.5
1.0
1.5
2.0
2.5
2.0
1.5
1.0
0.5
0
3.0
3.5
3.0
3.5
4.0
1.75V
3.25V
4.5
COMMON-MODE RANGE
Figure 23. Input Common-Mode Range vs. VREF
(VDD = 5 V and VREF (Max) = 3.5 V)
VREF (V)
1.5
0
0.25
0.50
0.75
1.00
1.25
1.0
0.5
0
1.50
2.00
2.0
1V
2V
2.5
1.75
COMMON-MODE RANGE
Figure 24. Input Common-Mode Range vs. VREF
(VDD = 3 V and VREF (Max) = 2 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com