Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7452BRTZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7452BRTZ-R2
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7452BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 9Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 10Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 11Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
AD7452
Rev. C | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD 1
SCLK
2
SDATA
3
CS
4
VREF
VIN+
VIN–
GND
8
7
6
5
AD7452
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOT-23 Pin Configuration
Table 4. Pin Function Descriptions
Mnemonic
Function
V
REF
Reference Input for the AD7452. An external reference must be applied to this input. For a 5 V power supply, the reference is
2.5 V (± 1%) for specified performance. For a 3 V power supply, the reference is 2 V (± 1%) for specified performance. This pin
should be decoupled to GND with a capacitor of at least 0.1 µF. See the Reference section for more details.
V
IN+
Positive Terminal for Differential Analog Input.
V
IN–
Negative Terminal for Differential Analog Input.
GND
Analog Ground. Ground reference point for all circuitry on the AD7452. All analog input signals and any external reference
signal should be referred to this GND voltage.
CS
Chip Select. Active low logic input. This input provides the dual function of initiating a conversion on the AD7452 and framing
the serial data transfer.
SDATA
Serial Data. Logic output. The conversion result from the AD7452 is provided on this output as a serial data stream. The bits
are clocked out on the falling edge of the SCLK input. The data stream consists of four leading zeros followed by the 12 bits of
conversion data, which are provided MSB first. The output coding is twos complement.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the
clock source for the conversion process.
V
DD
Power Supply Input. V
DD is 3 V (+20%/–10%) or 5 V (± 5%). This supply should be decoupled to GND with a 0.1 µF capacitor
and a 10 µF tantalum capacitor in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com