Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7452BRTZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7452BRTZ-R2
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7452BRTZ-R2 Datasheet HTML 17Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 18Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 19Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 20Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 21Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 22Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 23Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 24Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD7452
Data Sheet
Rev. C | Page 22 of 24
POWER vs. THROUGHPUT RATE
By using the power-down mode on the AD7452 when not con-
verting, the average power consumption of the ADC decreases
at lower throughput rates. Figure 39 shows how, as the through-
put rate is reduced, the device remains in its power-down state
longer and the average power consumption is reduced
accordingly. It shows this for both 5 V and 3 V power supplies.
For example, if the AD7452 is operated in continuous sampling
mode with a throughput rate of 100 kSPS and an SCLK of
10 MHz, and the device is placed in power-down mode between
conversions, the power consumption is calculated as follows:
Power Dissipation during Normal Operation = 7.25 mW max
(for VDD = 5 V)
If the power-up time is one dummy cycle (1.06 µs if CS is
brought high after the 10th SCLK falling edge and then brought
low after the quiet time) and the remaining conversion time is
another cycle, that is, 1.6 µs, the AD7452 can be said to dissipate
7.25 mW for 2.66 µs during each conversion cycle. This 2.66 µs
figure assumes a very short time to enter power-down mode.
This increases as the burst of clocks used to enter the power-
down mode is increased.
If the throughput rate = 100 kSPS, the cycle time = 10 µs and
the average power dissipated during each cycle is
(2.66/10) × 7.25 mW = 1.92 mW
For the same scenario, if VDD = 3 V, the power dissipation
during normal operation is 3.3 mW max.
The AD7452 can now be said to dissipate 3.3 mW for 2.66 µs
during each conversion cycle. This 2.66 µs figure assumes a very
short time to enter power-down mode. This increases as the
burst of clocks used to enter the power-down mode is increased.
The average power dissipated during each cycle with a
throughput rate of 100 kSPS is therefore
(2.66/10) × 3.3 mW = 0.88 mW
This is how the power numbers in Figure 39 are calculated.
For throughput rates above 320 kSPS, it is recommended that
the serial clock frequency be reduced for optimum power
performance.
THROUGHPUT (kSPS)
100
0
350
0.01
50
100
150
200
250
300
0.1
1
10
VDD = 5V
VDD = 3V
Figure 39. Power vs. Throughput Rate for Power-Down Mode
APPLICATION HINTS
Grounding and Layout
The printed circuit board that houses the AD7452 should be
designed so that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes that can be easily separated. A minimum
etch technique is generally best for ground planes as it gives the
best shielding. Digital and analog ground planes should be
joined in only one place, a star ground point established as close
as possible to the GND pin on the AD7452. Avoid running
digital lines under the device because this couples noise onto
the die. The analog ground plane should be allowed to run
under the AD7452 to avoid noise coupling. The power supply
lines to the AD7452 should use as large a trace as possible to
provide low impedance paths and reduce the effects of glitches
on the power supply line.
Fast switching signals like clocks should be shielded with digital
ground to avoid radiating noise to other sections of the board,
and clock signals should never run near the analog inputs.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A micro-strip technique is by far the best but is not
always possible with a double-sided board.
In this technique, the component side of the board is dedicated
to ground planes while signals are placed on the solder side.
Good decoupling is also important. All analog supplies should
be decoupled with 10 µF tantalum capacitors in parallel with
0.1 µF capacitors to GND. To achieve the best from these
decoupling components, place them as close to the device as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com