Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7452BRTZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7452BRTZ-R2
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD7452BRTZ-R2 Datasheet HTML 1Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 2Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 3Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD7452
Data Sheet
Rev. C | Page 4 of 24
Parameter
Test Conditions/Comments
B Version2
Unit
CONVERSION RATE
Conversion Time
1.6 µs with a 10 MHz SCLK
16
SCLK cycles
Track-and-Hold Acquisition Time3
Sine wave input
200
ns max
Step input
290
ns max
Throughput Rate
555
kSPS max
POWER REQUIREMENTS
V
DD
Range: 3 V + 20%/–10%;
5 V ± 5%
2.7/5.25
V min/V max
I
DD
9, 10
Normal Mode (Static)
SCLK on or off
0.5
mA typ
Normal Mode (Operational)
V
DD = 4.75 V to 5.25 V
1.5
mA max
V
DD = 2.7 V to 3.6 V
1.2
mA max
Full Power-Down Mode
SCLK on or off
1
µA max
Power Dissipation
Normal Mode (Operational)
V
DD = 5 V, 1.55 mW typ for 100 kSPS
9
7.25
mW max
V
DD = 3 V, 0.64 mW typ for 100 kSPS
9
3.3
mW max
Full Power-Down
V
DD = 5 V, SCLK on or off
5
µW max
V
DD = 3 V, SCLK on or off
3
µW max
1 Common-mode voltage. The input signal can be centered on a dc common-mode voltage in the range specified in Figure 23 and Figure 24.
2 Temperature ranges as follows: B Version: –40°C to +85°C.
3 See Terminology section.
4 Analog inputs with slew rates exceeding 27 V/µs (full-scale input sine wave > 3.5 MHz) within the acquisition time may cause an incorrect result to be returned by the
converter.
5 Because the input spans of V
IN+ and VIN– are both VREF and are 180° out of phase, the differential voltage is 2 × VREF.
6 The AD7452 is functional with a reference input from 100 mV; for V
DD = 5 V, the reference can range up to 3.5 V.
7 The AD7452 is functional with a reference input from 100 mV; for V
DD = 3 V, the reference can range up to 2.2 V.
8 Guaranteed by characterization.
9 See Power VS. Throughput Rate section.
10 Measured with a midscale dc input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com