Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7452BRTZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7452BRTZ-R2
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7452BRTZ-R2 Datasheet HTML 10Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 11Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 12Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 13Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 14Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 15Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 16Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 17Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
AD7452
Rev. C | Page 13 of 24
CIRCUIT INFORMATION
The AD7452 is a 12-bit, low power, single-supply, successive
approximation analog-to-digital converter (ADC). It can
operate with a 5 V or 3 V power supply, and is capable of
throughput rates up to 555 kSPS when supplied with a 10 MHz
SCLK. It requires an external reference to be applied to the VREF
pin, with the value of the reference chosen depending on the
power supply and what suits the application.
When operated with a 5 V supply, the maximum reference that
can be applied is 3.5 V. When operated with a 3 V supply, the
maximum reference that can be applied is 2.2 V (see the
Reference section).
The AD7452 has an on-chip differential track-and-hold
amplifier, a successive approximation (SAR) ADC, and a serial
interface, housed in an 8-lead SOT-23 package. The serial clock
input accesses data from the part and provides the clock source
for the successive approximation ADC. The AD7452 features a
power-down option for reduced power consumption between
conversions. The power-down feature is implemented across
the standard serial interface as described in the Modes of
Operation section.
CONVERTER OPERATION
The AD7452 is a successive approximation ADC based around
two capacitive DACs. Figure 18 and Figure 19 show simplified
schematics of the ADC in the acquisition and conversion phase,
respectively. The ADC is comprised of control logic, an SAR,
and two capacitive DACs. In Figure 18 (acquisition phase), SW3
is closed and SW1 and SW2 are in Position A, the comparator is
held in a balanced condition, and the sampling capacitor arrays
acquire the differential signal on the input.
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
Figure 18. ADC Acquisition Phase
When the ADC starts a conversion (Figure 19), SW3 opens and
SW1 and SW2 move to Position B, causing the comparator to
become unbalanced. Both inputs are disconnected once the
conversion begins. The control logic and the charge redistribu-
tion DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor arrays to bring the comparator
back into a balanced condition. When the comparator is
rebalanced, the conversion is complete. The control logic
generates the ADC’s output code. The output impedances of the
sources driving the VIN+ and the VIN– pins must be matched;
otherwise, the two inputs will have different settling times,
resulting in errors.
VIN+
VIN–
A
B
SW1
SW3
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
COMPARATOR
Figure 19. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding for the AD7452 is twos complement. The
designed code transitions occur at successive LSB values
(that is, 1 LSB, 2 LSBs, and so on). The LSB size is 2 ×
VREF/4096. The ideal transfer characteristic of the AD7452 is
shown in Figure 20.
100...000
–VREF
ANALOG INPUT
(VIN+ –VIN–)
011...111
100...001
000...000
000...001
111...111
1LSB
+ VREF – 1LSB
1LSB = 2 × VREF/4096
011...110
100...010
0 LSB
Figure 20. Ideal Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com