Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7452BRTZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7452BRTZ-R2
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7452BRTZ-R2 Datasheet HTML 17Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 18Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 19Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 20Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 21Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 22Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 23Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 24Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
AD7452
Rev. C | Page 21 of 24
POWER-UP TIME
The power-up time of the AD7452 is typically 1 μs, which
means that with any SCLK frequency up to 10 MHz, one
dummy cycle is always sufficient to allow the device to power
up. Once the dummy cycle is complete, the ADC is fully
powered up and the input signal will be acquired properly. The
quiet time, tQUIET, must still be allowed from the point at which
the bus goes back into three-state after the dummy conversion
to the next falling edge of CS.
When running at the maximum throughput rate of 555 kSPS,
the AD7452 powers up and acquires a signal within ±0.5 LSB in
one dummy cycle. When powering up from the power-down
mode with a dummy cycle, as in Figure 38, the track-and-hold,
which was in hold mode while the part was powered down,
returns to track mode after the first SCLK edge the part receives
after the falling edge of CS. This is shown as Point A in
Figure 38.
Although at any SCLK frequency one dummy cycle is sufficient
to power up the device and acquire VIN, it does not necessarily
mean that a full dummy cycle of 16 SCLKs must always elapse
to power up the device and acquire VIN fully; 1 μs is sufficient to
power up the device and acquire the input signal.
For example, if a 5 MHz SCLK frequency is applied to the ADC,
the cycle time is 3.2 μs (that is, 1/(5 MHz) × 16). In one dummy
cycle, 3.2 μs, the part is powered up and VIN fully acquired.
However, after 1 μs with a 5 MHz SCLK, only five SCLK cycles
would have elapsed. At this stage, the ADC is fully powered up
and the signal acquired. So in this case, CS can be brought high
after the 10th SCLK falling edge and brought low again after a
time, tQUIET, to initiate the conversion.
When power supplies are first applied to the AD7452, the ADC
may power up either in power-down mode or in normal mode.
Because of this, it is best to allow a dummy cycle to elapse to
ensure the part is fully powered up before attempting a valid
conversion. Likewise, if the user wants the part to power up in
power-down mode, the dummy cycle may be used to ensure the
device is in power-down by executing a cycle such as the one
shown in Figure 37.
Once supplies are applied to the AD7452, the power-up time is
the same as that when powering up from power-down mode. It
takes approximately 1 μs to power up fully if the part powers up
in normal mode. It is not necessary to wait 1 μs before
executing a dummy cycle to ensure the desired mode of
operation. Instead, the dummy cycle can occur directly after
power is supplied to the ADC. If the first valid conversion is
performed directly after the dummy conversion, care must be
taken to ensure that adequate acquisition time has been
allowed.
As mentioned earlier, when powering up from the power-down
mode, the part returns to track mode upon the first SCLK edge
applied after the falling edge of CS. However, when the ADC
powers up initially after supplies are applied, the track-and-hold
is already in track mode. This means if (assuming one has the
facility to monitor the ADC supply current) the ADC powers
up in the desired mode of operation, and thus a dummy cycle is
not required to change the mode, and a dummy cycle is not
required to place the track-and-hold into track mode.
CS
SCLK
SDATA
1
10
16
1
10
16
A
THIS PART IS FULLY POWERED
UP WITH VIN FULLY ACQUIRED
PART BEGINS
TO POWER UP
INVALID DATA
VALID DATA
tPOWER-UP
Figure 38. Exiting Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com