Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-5151
Download  HCPL-5151 Download
File Size   193.51 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-5151 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-5151 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-5151
Download  HCPL-5151 Click to download

File Size   193.51 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-5151 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-5151 Product details

Description
The HCPL- 5150 contains a GaAsP LED optically coupled to an integrated circuit with a power output stage. The device is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices. The voltage and current supplied by this optocoupler makes it ideally suited for directly driving IGBTs with ratings up to 1200 V/50 A.

Features
• Performance Guaranteed over Full Military Temperature Range: -55°C to +125°C
• Manufactured and Tested on a MILPRF-38534 Certified Line
• Hermetically Sealed Packages
• Dual Marked with Device Part Number and DSCC Drawing Number
• QML-38534
• HCPL-3150 Function Compatibility
• 0.5 A Minimum Peak Output Current
• 10 kV/µs Minimum Common Mode Rejection (CMR) at VCM = 1000 V
• 1.0 V Maximum Low Level Output Voltage (VOL) Eliminates Need for Negative Gate Drive
• ICC = 5 mA Maximum Supply Current
• Under Voltage Lock-Out Protection (UVLO) with Hysteresis
• Wide Operating VCC Range: 15 to 30 Volts
• 500 ns Maximum Propagation Delay
• +/- 0.35 µs Maximum Delay Between Devices

Applications
• Industrial and Military Environments
• High Reliability Systems
• Harsh Industrial Environments
• Transportation, Medical, and Life Critical Systems
• Isolated IGBT/MOSFET Gate Drive
• AC and Brushless DC Motor Drives
• Industrial Inverters
• Switch Mode Power Supplies (SMPS)
• Uninterruptible Power Supplies (UPS)




Similar Part No. - HCPL-5151

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5151 BOARDCOM-HCPL-5151 Datasheet
1Mb / 18P
0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results


Similar Description - HCPL-5151

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com