Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5151 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Package Characteristics
Over recommended operating conditions (TA = -55 to +125°C) unless otherwise specified.
Notes:
1. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with I
O peak minimum
= 0.5 A. See Applications section for additional details on limiting IOH peak.
2. Maximum pulse width = 50
µs, maximum duty cycle = 0.5%.
3. In this test VOH is measured with a dc load current. When driving capacitive loads VOH will approach VCC as IOH approaches zero amps.
4. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
5. This is a momentary withstand test, not an operating condition.
6. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
7. The difference between tPHL and tPLH between any two HCPL-5150 parts under the same test condition.
8. Pins 1 and 4 need to be connected to LED common.
9. Common mode transient immunity in the high state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output will
remain in the high state (i.e., VO > 15.0 V).
10. Common mode transient immunity in a low state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output will
remain in a low state (i.e., VO < 1.0 V).
11. This load condition approximates the gate load of a 1200 V/25 A IGBT.
12. Pulse Width Distortion (PWD) is defined as |tPHL-tPLH| for any given device.
13. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). SMD and Class H parts receive 100% testing at 25, 125 and -55°C (Subgroups 1 and 9,
2 and 10, 3 and 11, respectively).
14. Parameters are tested as part of device initial characterization and after design and process changes. Parameters are guaranteed to limits specified for
all lots not specifically tested.
Parameter
Symbol
Test Conditions
Group A
Subgroups
(13)
Limits
Units
Fig.
Note
Min.
Typ.*
Max.
Input-Output
Leakage Current
II-O
VI-O = 1500Vdc
RH = 45%,
t = 5 sec.,
TA = 25°C
1
1.0
µA
5, 6
Resistance
(Input-Output)
RI-O
VI-O = 500 VDC
1010
Ω
6
Capacitance
(Input-Output)
CI-O
f = 1 MHz
2.34
pF
6
*All typicals at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com